Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBD20100VCT_T0_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # CBD20100VCT_T0_00001
Description  CBD20100VCT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

CBD20100VCT_T0_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  CBD20100VCT_T0_00001 Datasheet HTML 1Page - Pan Jit International Inc. CBD20100VCT_T0_00001 Datasheet HTML 2Page - Pan Jit International Inc. CBD20100VCT_T0_00001 Datasheet HTML 3Page - Pan Jit International Inc. CBD20100VCT_T0_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
December 14,2012-REV.00
CBD20100VCT
0
2
4
6
8
10
12
0
25
50
75
100
125
150
TC, Case Temperature (°C)
per diode
0.001
0.01
0.1
1
10
100
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
TJ = 25°C
TJ = 75°C
TJ = 125°C
TJ = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1000
10000
0.1
1
10
100
VR, Reverse Bias Voltage (V)
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VF, Forward Voltage (V)
TJ = 150°C
TJ = 125°C
TJ = 25°C
TJ = 75°C
per diode
per diode
per diode


Similar Part No. - CBD20100VCT_T0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CBD20100LCT PANJIT-CBD20100LCT Datasheet
66Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com