Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

961428-8040804-AR Datasheet(PDF) 2 Page - 3M Electronics

Part # 961428-8040804-AR
Description  3M??Pin Strip Header
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

961428-8040804-AR Datasheet(HTML) 2 Page - 3M Electronics

  961428-8040804-AR Datasheet HTML 1Page - 3M Electronics 961428-8040804-AR Datasheet HTML 2Page - 3M Electronics 961428-8040804-AR Datasheet HTML 3Page - 3M Electronics 961428-8040804-AR Datasheet HTML 4Page - 3M Electronics 961428-8040804-AR Datasheet HTML 5Page - 3M Electronics 961428-8040804-AR Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3MPin Strip Header
2.54 mm and 2.54 mm x 2.54 mm, Dual Insulator, Straight, Solder Tail
961 Series
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of the 3M Company
For technical, sales or ordering information
call your Local 3M Service Center
Ordering Information
TS-2185-B
Sheet 2 of 2
Tolerance Unless Noted [mm]
Nominal Size
0.5–3
3–6
6–30
30–120
Linear Dim
+/- 0.1
+/- 0.1
+/- 0.2
+/- 0.3
Radii
+/- 0.2
+/- 0.5
+/- 1
+/- 1
9614XX
X04XX04
AR
Contact Quantity:
02–36 Pins / 1 Row
04–72 Pins / 2 Row
Board Stacking Height:
Dim ‘B’
Plating:
AR = Selective Au 0.25 μm [10 μ“] / Sn
Ref Appendix E1 & C1
Rows:
8 = 2 Row
9 = 1 Row
n = No. of Contacts
Contact Dimensions
Coding No.
A
B
03
18.5 [.73]
8.7 [.34]
18
20.6 [.81]
10.8 [.42]
12
22.4 [.88]
12.6 [.50]
06
23.6 [.93]
13.8 [.54]
07
25.7 [1.01]
15.9 [.62]
08
27.5 [1.08]
17.7 [.69]
13
29.8 [1.17]
20.0 [.79]
14
31.6 [1.24]
21.8 [.86]
15
38.4 [1.51]
28.6 [1.13]
16
41.6 [1.64]
31.8 [1.25]
17
46.1 [1.81]
36.3 [1.43]
PCB Layout


Similar Part No. - 961428-8040804-AR

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
9614 JOHANSON-9614 Datasheet
213Kb / 2P
   RF amplifier
logo
Belden Inc.
9614 BELDEN-9614 Datasheet
177Kb / 2P
   RS232, #24-9c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
logo
Knowles Electronics
9614 KNOWLES-9614 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Heyco.
9614 HEYCO-9614 Datasheet
118Kb / 1P
   LDPE Sheet Metal Plugs
logo
Belden Inc.
9614-060100 BELDEN-9614-060100 Datasheet
177Kb / 2P
   RS232, #24-9c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 961428-8040804-AR

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9611025604AR 3M-9611025604AR Datasheet
330Kb / 5P
   3M??Pin Strip Header
929647-07-36-I 3M-929647-07-36-I Datasheet
682Kb / 8P
   3M??Pin Strip Header Single and Dual Row
961102-5604-AR 3M-961102-5604-AR Datasheet
852Kb / 3P
   3M Pin Strip Header 2.54 mm and 2.54 mm x 2.54 mm, Right Angle, Solder Tail
N4634-2300RB 3M-N4634-2300RB Datasheet
981Kb / 3P
   3M Surface Mount Header
91736 3M-91736 Datasheet
424Kb / 5P
   3M??CF Card Header
356 3M-356 Datasheet
1Mb / 4P
   3M??Power Clamp Header
2500 3M-2500 Datasheet
1Mb / 6P
   3M??Four-Wall Header
2401-6112TB 3M-2401-6112TB Datasheet
50Kb / 3P
   100 and 100 X 100 Pin Strip Header
N3429-630T02RB 3M-N3429-630T02RB Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight, Compliant Pin
3793 3M-3793 Datasheet
682Kb / 5P
   3M Pak 100 4-Wall Header
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com