Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3342 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3342
Description  Ultralow, IQ, anyCAP Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3342 Datasheet(HTML) 7 Page - Analog Devices

  ADP3342 Datasheet HTML 1Page - Analog Devices ADP3342 Datasheet HTML 2Page - Analog Devices ADP3342 Datasheet HTML 3Page - Analog Devices ADP3342 Datasheet HTML 4Page - Analog Devices ADP3342 Datasheet HTML 5Page - Analog Devices ADP3342 Datasheet HTML 6Page - Analog Devices ADP3342 Datasheet HTML 7Page - Analog Devices ADP3342 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. 0
ADP3342
–7–
THEORY OF OPERATION
The new anyCAP LDO ADP3342 uses a single control loop for
regulation and reference functions. The output voltage is sensed
by a resistive voltage divider consisting of R1 and R2. Feedback
is taken from this network by way of a series diode (D1) and a
second resistor divider (R3 and R4) to the input of an amplifier.
PTAT
VOS
NONINVERTING
WIDEBAND
DRIVER
INPUT
Q1
ADP3342
COMPENSATION
CAPACITOR
ATTENUATION
(VBANDGAP /VOUT)
R1
D1
R2
R3
R4
OUTPUT
PTAT
CURRENT
(a)
CLOAD
RLOAD
GND
gm
VCC
Figure 2. Control Loop Functional Block Diagram
A very high gain error amplifier is used to control this loop. The
amplifier is constructed in such a way that at equilibrium it
produces a large, temperature proportional input “offset voltage”
that is repeatable and very well controlled. The temperature
proportional offset voltage is combined with the complementary
diode voltage to form a “virtual bandgap” voltage, implicit in
the network, although it never appears explicitly in the circuit.
Ultimately, this patented design makes it possible to control the
loop with only one amplifier. This technique also improves the
noise characteristics of the amplifier by providing more flexibility
on the trade-off of noise sources that leads to a low noise design.
The R1, R2 divider is chosen in the same ratio as the bandgap
voltage to the output voltage. Although the R1, R2 resistor
divider is loaded by the diode D1 and a second divider consisting
of R3 and R4, the values can be chosen to produce a temperature
stable output. This unique arrangement specifically corrects for
the loading of the divider so that the error resulting from base
current loading in conventional circuits is avoided.
The patented amplifier controls a new and unique noninverting
driver that drives the pass transistor, Q1. The use of this special
noninverting driver enables the frequency compensation to include
the load capacitor in a pole splitting arrangement to achieve reduced
sensitivity to the value, type and ESR of the load capacitance.
Most LDOs place very strict requirements on the range of ESR
values for the output capacitor because they are difficult to stabilize
due to the uncertainty of load capacitance and resistance. More-
over, the ESR value, required to keep conventional LDOs stable,
changes depending on load and temperature. These ESR limitations
make designing with LDOs more difficult because of their unclear
specifications and extreme variations over temperature.
With the ADP3342 anyCAP LDO, this is no longer true. It can
be used with virtually any good quality capacitor, with no con-
straint on the minimum ESR. This innovative design allows the
circuit to be stable with just a small 1
µF capacitor on the output.
Additional advantages of the pole splitting scheme include superior
line noise rejection and very high regulator gain which leads to
excellent line and load regulation.
Additional features of the circuit include current limit and thermal
shutdown and noise reduction.
APPLICATION INFORMATION
PC Application—VCCVID
The ADP3342 has been optimized for PC applications that
require a 1.2 V output for powering the voltage identification
rail, VCCVID. The rail from which the output draws current,
the IN pin, is separated from the rail that powers the IC, the
VCC pin. This allows a higher efficiency design when, as
recommended for the IMVP-3 application, the VCC pin is
connected to a 3.3 V supply to power the IC adequately, and
the IN pin is connected to a 1.8 V supply. The efficiency is
nearly 60% in this case.
Capacitor Selection
As with any voltage regulator, output transient response is a
function of the output capacitance. The ADP3342 is stable with
a wide range of capacitor values, types and ESR (anyCAP).
A capacitor as low as 1
µF is all that is needed for stability; larger
capacitors can be used if high output current surges are anticipated.
The ADP3342 is stable with extremely low ESR capacitors (ESR
≈ 0),
such as multilayer ceramic capacitors (MLCC) or OSCON.
Note that the effective capacitance of some capacitor types may
fall below the minimum at cold temperature. Ensure that the
capacitor provides more than 1
µF at minimum temperature.
Input Bypass Capacitor
An input bypass capacitor is not strictly required but is advisable
in any application involving long input wires or high source
impedance. Connecting a 1
µF capacitor from IN to ground reduces
the circuit's sensitivity to PC board layout. If a larger value output
capacitor is used, then a larger value input capacitor is also
recommended.
Power Good Monitoring Function
The PWRGD pin does not monitor the output voltage directly,
but rather detects whether the internal PNP pass transistor is being
modulated by the regulation loop. This means of detecting PWRGD,
rather than using a voltage threshold detection, provides an inherent
and desirable delay in asserting the PWRGD signal. During
startup or overload, the regulation loop is not in control, so the
PWRGD pin is low.
Shutdown Mode
Applying a TTL high signal to the shutdown (
SD) pin or tying
it to the input pin, will turn the output ON. Pulling
SD down to
0.4 V or below, or tying it to ground will turn the output OFF.
In shutdown mode, quiescent current is reduced.
Paddle-Under-Lead Package
The ADP3342 uses a patented paddle-under-lead package design
to ensure the best thermal performance in an MSOP-8 footprint.
This new package uses an electrically isolated die attach that
allows all pins to contribute to heat conduction. This technique
reduces the thermal resistance to 110
°C/W on a 4-layer board as
compared to >160
°C/W for a standard MSOP-8 leadframe.
Thermal Overload Protection
The ADP3342 is protected against damage due to excessive power
dissipation by its thermal overload protection circuit which limits
the die temperature to a maximum of 165
°C. Under extreme
conditions (i.e., high ambient temperature and power dissipation)
where die temperature starts to rise above 165
°C, the output current
is reduced until the die temperature has dropped to a safe level.
The output current is restored when the die temperature is reduced.


Similar Part No. - ADP3342

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300 AD-ADP3300 Datasheet
129Kb / 8P
   High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. A
ADP3300 AD-ADP3300 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3300 AD-ADP3300 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
ADP3300 AD-ADP3300 Datasheet
135Kb / 8P
   High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV. A
ADP3300 AD-ADP3300 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results

Similar Description - ADP3342

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3335 AD-ADP3335_12 Datasheet
263Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com