Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVM1045V2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SVM1045V2_00001
Description  LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SVM1045V2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SVM1045V2_00001 Datasheet HTML 1Page - Pan Jit International Inc. SVM1045V2_00001 Datasheet HTML 2Page - Pan Jit International Inc. SVM1045V2_00001 Datasheet HTML 3Page - Pan Jit International Inc. SVM1045V2_00001 Datasheet HTML 4Page - Pan Jit International Inc. SVM1045V2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
SVM1045V2
LOW VF SCHOTTKY RECTIFIER
VOLTAGE
45 Volts
10 Amperes
FEATURES
• Ideal for automated placement
• Low f orward voltage drop, low power los ses
• High efficiency Operation
• Low thermal resistance
• Ultra thin profile package for space constrained utilization
• Package suitable for automated handling
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
Case : TO-277, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Weight: 0.0037 ounces, 0.1073 grams
Marking:SVM1045V2
CURRENT
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
45
V
Maximum RMS Voltage
VRMS
32
V
Maximum DC Blocking Voltage
VR
45
V
Maximum Average Rectified Output Current
I F(AV)
10
A
Peak Forward Surge Current:8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
I FSM
275
A
Typ i c a l J unc ti o n c a p a c i t a nc e
V R= 4 V,1 M HZ
C
J
8 6 0
p F
Typical Thermal Resistance ,Junction to Ambient
Junction to Case
(Note 2)
(Note 1)
RJA
RJC
110
13
oC/W
Operating junction temperature range and Storage temperature range
TJ,TSTG
-55 to + 150
oC
0.243(6.15)
0.238(6.05)
0.262(6.65)
0.250(6.35)
0.183(4.65)
0.171(4.35)
0.043(1.10)
0.035(0.90)
NOTES:
1.Mounted on an FR 4 PCB, s ingle-sided c opper, with 100c m
2 copper pad area.
2.Mounted on an FR4 PCB, single-sided copper, mini pad.
January 03,2013-REV.00


Similar Part No. - SVM1045V2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SVM1045V2B PANJIT-SVM1045V2B Datasheet
377Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SVM1045V2B PANJIT-SVM1045V2B_16 Datasheet
285Kb / 6P
   LOW VF SCHOTTKY RECTIFIER
SVM1045V2B_R2_00001 PANJIT-SVM1045V2B_R2_00001 Datasheet
285Kb / 6P
   LOW VF SCHOTTKY RECTIFIER
SVM1045V2 PANJIT-SVM1045V2_16 Datasheet
285Kb / 6P
   LOW VF SCHOTTKY RECTIFIER
SVM1045V2_R2_00001 PANJIT-SVM1045V2_R2_00001 Datasheet
285Kb / 6P
   LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SVM1045V2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB2045LCT PANJIT-SB2045LCT Datasheet
174Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
CBD20120LCT PANJIT-CBD20120LCT Datasheet
52Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
SBM2060VCT PANJIT-SBM2060VCT_16 Datasheet
237Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SK54BL PANJIT-SK54BL Datasheet
232Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SB4045LCT PANJIT-SB4045LCT_16 Datasheet
91Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SB4040LDC-AU PANJIT-SB4040LDC-AU Datasheet
108Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
CBD20150VFCT PANJIT-CBD20150VFCT Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SBT20100UCT PANJIT-SBT20100UCT Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SK54BLF PANJIT-SK54BLF Datasheet
342Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SVM1550U PANJIT-SVM1550U Datasheet
180Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
logo
Shenzhen Winsemi Microe...
WSC15U50 WINSEMI-WSC15U50 Datasheet
131Kb / 4P
   Low VF Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com