Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM4520V-231-2P-T00 Datasheet(PDF) 4 Page - TDK Electronics

Part # ACM4520V-231-2P-T00
Description  Common Mode Filters For Power Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM4520V-231-2P-T00 Datasheet(HTML) 4 Page - TDK Electronics

  ACM4520V-231-2P-T00 Datasheet HTML 1Page - TDK Electronics ACM4520V-231-2P-T00 Datasheet HTML 2Page - TDK Electronics ACM4520V-231-2P-T00 Datasheet HTML 3Page - TDK Electronics ACM4520V-231-2P-T00 Datasheet HTML 4Page - TDK Electronics ACM4520V-231-2P-T00 Datasheet HTML 5Page - TDK Electronics ACM4520V-231-2P-T00 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
(3/5)
002-01 / 20130226 / e9713_acm_v.fm
• All specifications are subject to change without notice.
Common Mode Filters
For Automotive Power Line
ACM-V Series ACM70V, ACM90V, ACM12V
FEATURES
• Have achieved miniaturization while keeping characteristics by
adoption of exclusive square type closed magnetic cores.
• Due to the low profile design, it is suitable for surface mount.
• High impedance characteristic has been achieved a superior
effect for common mode noise suppression.
• This products have serialized a large current product up to 8A
corresponding for various DC power lines.
• Operating temperature range has covered widely from –40 to
+125°C.
APPLICATIONS
Common mode noise countermeasures for DC power lines of elec-
tronic control equipment, multi-media equipment for automotives
and various electronic equipment power supply lines.
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensional code
(3) Impedance [at 100MHz]
701: 700
(4) Numbers of lines
2PL: 2-line
(5) Packaging style
TL: ø330mm reel taping
(6) TDK internal code
RECOMMENDED SOLDERING CONDITIONS
RECOMMENDED TEMPERATURE PROFILE
FOR LEAD-FREE SOLDER
REFLOW PROFILE FOR SOLDER HEAT RESISTANCE
Conformity to RoHS Directive
Operating
–40 to +125°C
Storage(After mount)
–40 to +125°C
Packaging style
Type
Quantity
Taping
ACM70V
1500 pieces/reel
ACM90V
800 pieces/reel
ACM12V
500 pieces/reel
ACM
90V - 701 - 2PL - TL -
(1)
(2)
(3)
(4)
(5)
(6)
150˚C
180˚C
Peak 245˚C max.
230˚C
60 to 120s
10 to 30s
Natural
cooling
Time(s)
150˚C
180˚C
Peak 260˚C max.
230˚C
60 to 120s
40s max.
Natural
cooling
Time(s)


Similar Part No. - ACM4520V-231-2P-T00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM4520V-142-2P-T00 TDK-ACM4520V-142-2P-T00 Datasheet
104Kb / 7P
   Common Mode Filters For power line
More results

Similar Description - ACM4520V-231-2P-T00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM4520-142-2P-T000 TDK-ACM4520-142-2P-T000 Datasheet
108Kb / 7P
   Common Mode Filters For power line
ACM4532-801-2P-T001 TDK-ACM4532-801-2P-T001 Datasheet
183Kb / 8P
   Common Mode Filters For power line
ACM7060-301-2PL-TL01 TDK-ACM7060-301-2PL-TL01_16 Datasheet
104Kb / 7P
   Common Mode Filters For power line
ACP3225-102-2P-T000 TDK-ACP3225-102-2P-T000_16 Datasheet
111Kb / 8P
   Common Mode Filters For power line
ACM9070-701-2PL-TL01 TDK-ACM9070-701-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM1211-102-2PL-TL01 TDK-ACM1211-102-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM1513-551-2PL-TLHF TDK-ACM1513-551-2PL-TLHF_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM4520V-142-2P-T00 TDK-ACM4520V-142-2P-T00 Datasheet
104Kb / 7P
   Common Mode Filters For power line
ACM3225-601-2P TDK-ACM3225-601-2P Datasheet
184Kb / 9P
   Common Mode Filters For power line
ACM70V-701-2PL-TL00 TDK-ACM70V-701-2PL-TL00_16 Datasheet
106Kb / 7P
   Common Mode Filters For automotive power line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com