Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

238276001 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 238276001
Description  Sound, Alarm & Security Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

238276001 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  238276001 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: 23827-60-01
Date:
11/5/2007
Revision Level:
1
7C 18 SOLID BC PVC PE
Sound, Alarm & Security Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#18 AWG Solid Bare Copper
0.016” Wall Polyvinyl Chloride
0.027” Wall Polyethylene – Black
0.040” nom.
CAROL 18 AWG 30V SPRINKLER SYSTEMS WIRE – DIRECT BURIAL E54567-8 (UL)
7C @ 4.00" LHL
0.226" nom.
0.072” nom.
0.280" +/- 0.014"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
60C
30V
6.4 Ohms/1000 ft nom
UL Misc. Wires
Sprinkler Systems Wire - Direct
1
2
3
4
5
6
7
Black
White
Red
Green
Orange
Yellow
Blue
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - 238276001

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2382 KR-2382 Datasheet
19Kb / 1P
   HDTV Filter
logo
Pomona Electronics
2382 POMONA-2382 Datasheet
70Kb / 1P
   Single Insulated Miniature Binding Post
2382-0 POMONA-2382-0 Datasheet
70Kb / 1P
   Single Insulated Miniature Binding Post
2382-2 POMONA-2382-2 Datasheet
70Kb / 1P
   Single Insulated Miniature Binding Post
2382-3 POMONA-2382-3 Datasheet
70Kb / 1P
   Single Insulated Miniature Binding Post
More results

Similar Description - 238276001

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
05485 GENERAL-05485 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
C1119 GENERAL-C1119 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
05481 GENERAL-05481 Datasheet
74Kb / 1P
   Sound, Alarm & Security Cable
05784 GENERAL-05784 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
05093 GENERAL-05093 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
05783 GENERAL-05783 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
238071801 GENERAL-238071801 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
238101801 GENERAL-238101801 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
238246001 GENERAL-238246001 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
C1123 GENERAL-C1123 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
C1124 GENERAL-C1124 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com