Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF10DLH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # GF10DLH
Description  Super Low VF Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GF10DLH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  GF10DLH Datasheet HTML 1Page - Zowie Technology Corporation GF10DLH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZOWIE
(200V~1000V / 1.0A)
GF10DLH THRU GF10MLH
2010/04
REV. 1
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.50
1.25
1.00
0.75
0.50
0.25
0
0
25
50
75
100
125
150
175
60Hz
RESISTIVE OR
INDUCTIVE LOAD
LEAD TEMPERATURE,
o
C
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
0
10
20
30
40
60
50
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
TJ=25
oC
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
.1
1
40
200
.2
.4
1.0
2
4
10
20
40
100
2
4
10
6
20
60
100
0.10
1.00
10.00
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TJ=150
oC
TJ=125
oC
TJ=25
oC
0.01
.001
0
20
0.10
1.0
10
100
40
60
80
100
GF10DLH~GF10GLH
GF10KLH & GF10MLH


Similar Part No. - GF10DLH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10DL ZOWIE-GF10DL Datasheet
213Kb / 2P
   Super Low VF Rectifier Diode
More results

Similar Description - GF10DLH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF30DL ZOWIE-GF30DL Datasheet
63Kb / 2P
   Super Low VF Rectifier Diode
GF30DLH ZOWIE-GF30DLH Datasheet
64Kb / 2P
   Super Low VF Rectifier Diode
GF20DLH ZOWIE-GF20DLH Datasheet
64Kb / 2P
   Super Low VF Rectifier Diode
GF20DL ZOWIE-GF20DL Datasheet
63Kb / 2P
   Super Low VF Rectifier Diode
GF10DL ZOWIE-GF10DL Datasheet
213Kb / 2P
   Super Low VF Rectifier Diode
GC10DLH ZOWIE-GC10DLH Datasheet
48Kb / 2P
   Low VF Rectifier Diode
GC20DLH ZOWIE-GC20DLH Datasheet
48Kb / 2P
   Low VF Rectifier Diode
GP20DL ZOWIE-GP20DL Datasheet
61Kb / 2P
   Low VF Rectifier Diode
BGC30DLH ZOWIE-BGC30DLH_10 Datasheet
65Kb / 2P
   Low VF Rectifier Diode
BGC30DLH ZOWIE-BGC30DLH Datasheet
49Kb / 2P
   Low VF Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com