Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR380 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR380
Description  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR380 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR380 Datasheet HTML 4Page - Analog Devices ADR380 Datasheet HTML 5Page - Analog Devices ADR380 Datasheet HTML 6Page - Analog Devices ADR380 Datasheet HTML 7Page - Analog Devices ADR380 Datasheet HTML 8Page - Analog Devices ADR380 Datasheet HTML 9Page - Analog Devices ADR380 Datasheet HTML 10Page - Analog Devices ADR380 Datasheet HTML 11Page - Analog Devices ADR380 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
–8–
ADR380/ADR381
TIME (10ms/DIV)
100 V/DIV
TPC 15. ADR381 Typical Noise Voltage 10 Hz to 10 kHz
TIME (10 s/DIV)
1V/DIV
0.5V/DIV
CBYPASS = 0 F
VOUT
LINE INTERRUPTION
0.5V/DIV
VIN
TPC 16. ADR381 Line Transient Response
TIME (10 s/DIV)
1V/DIV
0.5V/DIV
CBYPASS = 0.1 F
VOUT
LINE INTERRUPTION
0.5V/DIV
TPC 17. ADR381 Line Transient Response
CL = 0 F
TIME (200 s/DIV)
1V/DIV
VOUT
VLOAD ON
LOAD OFF
LOAD = 1mA
2V/DIV
TPC 18. ADR381 Load Transient Response with
CL = 0
µF
CL = 1nF
TIME (200 s/DIV)
1V/DIV
VOUT
VLOAD ON
LOAD OFF
LOAD = 1mA
2V/DIV
TPC 19. ADR381 Load Transient Response with
CL = 1 nF
CL = 100nF
TIME (200 s/DIV)
1V/DIV
VOUT
VLOAD ON
LOAD OFF
LOAD = 1mA
2V/DIV
TPC 20. ADR381 Load Transient Response with
CL = 100 nF


Similar Part No. - ADR380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR380 AD-ADR380 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380ARTZ-REEL7 AD-ADR380ARTZ-REEL7 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380ARTZ-REEL7 AD-ADR380ARTZ-REEL7 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
More results

Similar Description - ADR380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
   PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com