Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF10JLH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # GF10JLH
Description  Super Low VF Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GF10JLH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  GF10JLH Datasheet HTML 1Page - Zowie Technology Corporation GF10JLH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(200V~1000V / 1.0A)
GF10DLH THRU GF10MLH
Super Low VF Rectifier Diode
* Halogen-free type
*
Compliance to RoHS product
* GPRC (glass passivated rectifier chip) inside
* Glass passivated cavity-free junction
* High surge current capability
* Ideal for surface mount automotive applications
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
2010/04
REV. 1
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
GF10DLH
200
GF10JLH
600
GF10KLH
800
GF10GLH
400
GF10MLH
1000
V
IF(AV)
IFSM
A
Tj
TSTG
40
50
-65 to +175
-65 to +175
ITEM
Average forward current
Symbol
Unit
Peak forward surge current (8.3ms single half sine-wave)
Operating junction temperature Range
Rating
1.0
Repetitive peak reverse voltage
Storage temperature Range
oC
Electrical characteristics (Ta = 25
o
C)
ITEM
Symbol
Conditions
Type
Min.
Typ.
Max.
Unit
-
56
-
Rth(JA)
Junction to ambient *
Thermal resistance
oC/W
-
14
-
Rth(JL)
Junction to lead *
pF
-
12
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
0.08
5
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
VF
IF = 1.0A
V
Forward voltage
* General purpose rectification of
power supplies and inverters.
* Surge absorption.
APPLICATION
Case : DO-214AC molded plastic
Terminals : Tin Plated, solderable per MIL-STD-750, Method 2026.
Polarity : Color band denotes cathode end
Weight : 0.064 gram
MECHANICAL DATA
7" (178mm ± 2mm) reel :
* 1,800 pieces per reel
* 4 reels per box
* 6 boxes per carton
13" (330mm ± 2mm) reel :
* 7,500 pieces per reel
* 2 reels per box
* 5 boxes per carton
PACKING
Unit : mm
Case : DO-214AC
OUTLINE DIMENSIONS
MARKING
Cathode mark
Zowie logo
Standard
Series code
Voltage class
Low VF
JEDEC : DO-214AC
SMA
S
10DL
Amps class
4.30 ± 0.30
Max.
0.203
1.40 ± 0.20
0.23 ± 0.08
2.22 ± 0.22
1.14 ± 0.38
5.04 ± 0.24
* Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0mm x 5.0mm) copper pad areas.
IFSM = 50Amp
VF < 0.91V @IF = 1A
Voltage class : D = 200V, G = 400V, J = 600V
K = 800V, M = 1000V
-
0.88
0.91
GF10DLH
GF10GLH
GF10JLH
-
0.89
0.92
GF10KLH
GF10MLH
Halogen-free type
.


Similar Part No. - GF10JLH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10JL ZOWIE-GF10JL Datasheet
213Kb / 2P
   Super Low VF Rectifier Diode
More results

Similar Description - GF10JLH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF30DL ZOWIE-GF30DL Datasheet
63Kb / 2P
   Super Low VF Rectifier Diode
GF30DLH ZOWIE-GF30DLH Datasheet
64Kb / 2P
   Super Low VF Rectifier Diode
GF20DLH ZOWIE-GF20DLH Datasheet
64Kb / 2P
   Super Low VF Rectifier Diode
GF20DL ZOWIE-GF20DL Datasheet
63Kb / 2P
   Super Low VF Rectifier Diode
GF10DL ZOWIE-GF10DL Datasheet
213Kb / 2P
   Super Low VF Rectifier Diode
GC10DLH ZOWIE-GC10DLH Datasheet
48Kb / 2P
   Low VF Rectifier Diode
GC20DLH ZOWIE-GC20DLH Datasheet
48Kb / 2P
   Low VF Rectifier Diode
GP20DL ZOWIE-GP20DL Datasheet
61Kb / 2P
   Low VF Rectifier Diode
BGC30DLH ZOWIE-BGC30DLH_10 Datasheet
65Kb / 2P
   Low VF Rectifier Diode
BGC30DLH ZOWIE-BGC30DLH Datasheet
49Kb / 2P
   Low VF Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com