Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR293GRU-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADR293GRU-REEL7
Description  Low Noise Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293GRU-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR293GRU-REEL7 Datasheet HTML 2Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 3Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 4Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 5Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 6Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 7Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 8Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 9Page - Analog Devices ADR293GRU-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ADR293
REV. 0
–6–
TEMPERATURE – C
200
160
0
50
125
25
0
255075
100
120
80
40
VS = 6.0V
IOUT = 1mA
IOUT = 5mA
Figure 7. Load Regulation vs. Temperature
SOURCING LOAD CURRENT – mA
0
4
010
1
3
1
TA = +25 C
TA = +125 C
TA = 40 C
2
1
2
Figure 8.
∆V
OUT from Nominal vs. Load Current
FREQUENCY – Hz
1200
0
10
1000
100
200
1000
400
600
800
VIN = 15V
TA = 25 C
Figure 9. Voltage Noise Density
FREQUENCY – Hz
120
60
0
10
1000
100
20
100
80
VS = 6.0V
40
Figure 10. Ripple Rejection vs. Frequency
40
30
20
10
0
FREQUENCY – Hz
50
10
100
1k
10k
VS = 6.0V
IL = 0mA
Figure 11. Output Impedance vs. Frequency
1s
10 V p-p
Figure 12. 0.1 Hz to 10 Hz Noise


Similar Part No. - ADR293GRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293GRUZ AD-ADR293GRUZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRUZ-REEL AD-ADR293GRUZ-REEL Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRUZ-REEL7 AD-ADR293GRUZ-REEL7 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
More results

Similar Description - ADR293GRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293ERZ AD-ADR293ERZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com