Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSCD104RH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # MSCD104RH
Description  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MSCD104RH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  MSCD104RH Datasheet HTML 1Page - Zowie Technology Corporation MSCD104RH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(40V / 1.0 A)
MSCD104RH
Unit : mm
Case : 0805
Schottky Barrier Diode
*
Halogen-free type
*
Compliance to RoHs product
*
Lead less chip form, no lead damage
* Low power loss, High efficiency
* High current capability, low VF
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* Switching mode power supply applications
* Portable equipment battery applications
* High frequency rectification
* DC / DC Converter
* Telecommunication
APPLICATION
* 3,000 pieces per 7" (178mm ± 2mm) reel
* 5 reels per box
* 6 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.005 gram
MECHANICAL DATA
OUTLINE DIMENSIONS
2011/01
REV. 0
Equivalent : SOD-323
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
V
IF(AV)
A
IFSM
A
Tj
TSTG
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Operating junction temperature Range
MSCD104RH
40
10
-55 to +125
- 55 to +150
Rating
1.0
Repetitive peak reverse voltage
Storage temperature Range
oC
oC
Electrical characteristics (Ta = 25
o
C)
VF
ITEM
Symbol
Conditions
Min.
Typ.
V
IF = 1.0 A
-
0.49
0.55
Max.
Unit
Forward voltage (NOTE 1)
oC/W
-
88
-
Rth(JA)
Junction to ambient
Thermal resistance
oC/W
-
28
-
Rth(JL)
Junction to lead
pF
-
110
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas.
2.00 ± 0.1
R 0.275
0.50 ± 0.1
0.50 ± 0.1
0.05
mA
-
0.008
0.05
IRRM
Repetitive peak reverse current (NOTE 1)
MARKING
Cathode mark
Amps class
Voltage class
Low IR
A
41
Halogen-free type
.
VR = Max. VRRM, Ta = 25
oC


Similar Part No. - MSCD104RH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MSCD104 ZOWIE-MSCD104 Datasheet
76Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
MSCD104 SECOS-MSCD104 Datasheet
283Kb / 2P
   1 AMP Surface Mount Schottky B arrier Rectifiers
MSCD104 SECOS-MSCD104 Datasheet
177Kb / 3P
   Voltage 20 V ~ 60 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Zowie Technology Corpor...
MSCD104H ZOWIE-MSCD104H Datasheet
186Kb / 2P
   Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
MSCD104L SECOS-MSCD104L Datasheet
209Kb / 2P
   Voltage 40 V 1.0 Amp Low VF Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - MSCD104RH

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com