Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2186L Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-2186L
Description  DSP Microcomputer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2186L Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-2186L Datasheet HTML 5Page - Analog Devices ADSP-2186L Datasheet HTML 6Page - Analog Devices ADSP-2186L Datasheet HTML 7Page - Analog Devices ADSP-2186L Datasheet HTML 8Page - Analog Devices ADSP-2186L Datasheet HTML 9Page - Analog Devices ADSP-2186L Datasheet HTML 10Page - Analog Devices ADSP-2186L Datasheet HTML 11Page - Analog Devices ADSP-2186L Datasheet HTML 12Page - Analog Devices ADSP-2186L Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ADSP-2186L
–9–
REV. A
Boot Memory Select (
BMS) Disable
The ADSP-2186L also lets you boot the processor from one
external memory space while using a different external memory
space for BDMA transfers during normal operation. You can
use the
CMS to select the first external memory space for BDMA
transfers and
BMS to select the second external memory space
for booting. The
BMS signal can be disabled by setting Bit 3 of
the System Control Register to 1. The System Control Register
is illustrated in Figure 7.
0
0
0
0
0
1
00
00
0
0
0
1
1
1
15 14
13 12 11
10
9
8
7
6
5
4321
0
DM (0 3FFF)
SYSTEM CONTROL REGISTER
SPORT0 ENABLE
1 = ENABLED, 0 = DISABLED
SPORT1 ENABLE
1 = ENABLED, 0 = DISABLED
SPORT1 CONFIGURE
1 = SERIAL PORT
0 = FI, FO,
IRQ0, IRQ1, SCLK
PWAIT
PROGRAM MEMORY
WAIT STATES
BMS ENABLE
0 = ENABLED, 1 = DISABLED
Figure 7. System Control Register
Byte Memory
The byte memory space is a bidirectional, 8-bit-wide, external
memory space used to store programs and data. Byte memory is
accessed using the BDMA feature. The BDMA Control Register is
shown in Figure 8. The byte memory space consists of 256 pages,
each of which is 16K
× 8.
BDMA CONTROL
BMPAGE
BTYPE
BDIR
0 = LOAD FROM BM
1 = STORE TO BM
BCR
0 = RUN DURING BDMA
1 = HALT DURING BDMA
00
0
0
0
0
00
000
0
1
0
0
0
15 14 13 12 11 10
9
8
7
6
5
43210
DM (0 3FE3)
Figure 8. BDMA Control Register
The byte memory space on the ADSP-2186L supports read and
write operations as well as four different data formats. The byte
memory uses data bits 15:8 for data. The byte memory uses
data bits 23:16 and address bits 13:0 to create a 22-bit address.
This allows up to a 4 meg
× 8 (32 megabit) ROM or RAM to be
used without glue logic. All byte memory accesses are timed by
the BMWAIT register.
Byte Memory DMA (BDMA, Full Memory Mode)
The byte memory DMA controller allows loading and storing of
program instructions and data using the byte memory space.
The BDMA circuit is able to access the byte memory space
while the processor is operating normally and steals only one
DSP cycle per 8-, 16- or 24-bit word transferred.
The BDMA circuit supports four different data formats, that are
selected by the BTYPE register field. The appropriate number
of 8-bit accesses is determined from the byte memory space to
build the word size selected. Table V shows the data formats sup-
ported by the BDMA circuit.
Table V. BDMA Data Formats
Internal
BTYPE
Memory Space
Word Size
Alignment
00
Program Memory
24
Full Word
01
Data Memory
16
Full Word
10
Data Memory
8
MSBs
11
Data Memory
8
LSBs
Unused bits in the 8-bit data memory formats are filled with 0s.
The BIAD register field is used to specify the starting address for
the on-chip memory involved with the transfer. The 14-bit BEAD
register specifies the starting address for the external byte memory
space. The 8-bit BMPAGE register specifies the starting page for
the external byte memory space. The BDIR register field selects
the direction of the transfer. Finally the 14-bit BWCOUNT
register specifies the number of DSP words to transfer and
initiates the BDMA circuit transfers.
BDMA accesses can cross page boundaries during sequential
addressing. A BDMA interrupt is generated on the completion
of the number of transfers specified by the BWCOUNT register.
The BWCOUNT register is updated after each transfer so it can
be used to check the status of the transfers. When it reaches
zero, the transfers have finished and a BDMA interrupt is gener-
ated. The BMPAGE and BEAD registers must not be accessed
by the DSP during BDMA operations.
The source or destination of a BDMA transfer will always be
on-chip program or data memory, regardless of the values of
Mode B, PMOVLAY or DMOVLAY.
When the BWCOUNT register is written with a nonzero value,
the BDMA circuit starts executing byte memory accesses with
wait states set by BMWAIT. These accesses continue until the
count reaches zero. When enough accesses have occurred to
create a destination word, it is transferred to or from on-chip
memory. The transfer takes one DSP cycle. DSP accesses to
external memory have priority over BDMA byte memory accesses.
The BDMA Context Reset bit (BCR) controls whether the
processor is held off while the BDMA accesses are occurring.
Setting the BCR bit to 0 allows the processor to continue opera-
tions. Setting the BCR bit to 1 causes the processor to stop
execution while the BDMA accesses are occurring, to clear the
context of the processor and start execution at address 0 when
the BDMA accesses have completed.
Internal Memory DMA Port (IDMA Port; Host Memory Mode)
The IDMA Port provides an efficient means of communication
between a host system and the ADSP-2186L. The port is used
to access the on-chip program memory and data memory of the
DSP with only one DSP cycle per word overhead. The IDMA
port cannot, however, be used to write directly to the DSP’s
memory-mapped control registers.
The IDMA port has a 16-bit multiplexed address and data bus
and supports 24-bit program memory. The IDMA port is com-
pletely asynchronous and can be written to while the ADSP-
2186L is operating at full speed.


Similar Part No. - ADSP-2186L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2186L AD-ADSP-2186L Datasheet
272Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2186L AD-ADSP-2186L Datasheet
630Kb / 48P
   DSP Microcomputer
REV. C
ADSP-2186L1111 AD-ADSP-2186L1111 Datasheet
272Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2186LBCA-160 AD-ADSP-2186LBCA-160 Datasheet
272Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2186LBCA-160R3 AD-ADSP-2186LBCA-160R3 Datasheet
630Kb / 48P
   DSP Microcomputer
REV. C
More results

Similar Description - ADSP-2186L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com