Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAA127PLTR Datasheet(PDF) 1 Page - IXYS Corporation

Part # LAA127PLTR
Description  Dual Single-Pole, Normally Open OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA127PLTR Datasheet(HTML) 1 Page - IXYS Corporation

  LAA127PLTR Datasheet HTML 1Page - IXYS Corporation LAA127PLTR Datasheet HTML 2Page - IXYS Corporation LAA127PLTR Datasheet HTML 3Page - IXYS Corporation LAA127PLTR Datasheet HTML 4Page - IXYS Corporation LAA127PLTR Datasheet HTML 5Page - IXYS Corporation LAA127PLTR Datasheet HTML 6Page - IXYS Corporation LAA127PLTR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LAA127L-R04
1
LAA127L
Dual Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
LAA127L
8-Pin DIP (50/Tube)
LAA127LS
8-Pin Surface Mount (50/Tube)
LAA127LSTR
8-Pin Surface Mount (1,000/Reel)
LAA127PL
8-Pin Flatpack (50/Tube)
LAA127PLTR
8-Pin Flatpack (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
250
V
P
Load Current
170
mA
rms / mADC
On-Resistance (max)
10
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Current Limiting Device
3750V
rms Input/Output Isolation
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Small 8-Pin Package
Machine Insertable, Wave Solderable
Surface Mount Tape & Reel Versions Available
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
LAA127L is a dual single-pole, normally open
(1-Form-A) current-limited Solid State Relay. The
combination of super efficient MOSFET switches and
photovoltaic die provides 3750V
rms of input to output
isolation.
The optically coupled outputs, which use the
patented OptoMOS architecture, are controlled by a
highly efficient GaAIAs infrared LED.
Dual single-pole OptoMOS relays provide a more
compact design solution than two discrete single-pole
relays in a variety of applications, and save board
space by incorporating both switches in a single 8-pin
package.


Similar Part No. - LAA127PLTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA127PLTR CLARE-LAA127PLTR Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
More results

Similar Description - LAA127PLTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
XAA117 IXYS-XAA117 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA710 IXYS-LAA710_12 Datasheet
122Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA127 IXYS-LAA127_12 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
PAA127 IXYS-PAA127 Datasheet
139Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA108 IXYS-LAA108 Datasheet
136Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA110 IXYS-LAA110_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA120 IXYS-LAA120_12 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com