Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2191MKST-160 Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-2191MKST-160
Description  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191MKST-160 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-2191MKST-160 Datasheet HTML 7Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 8Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 9Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 10Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 11Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 12Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 13Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 14Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
–11–
REV. 0
ADSP-2191M
To exit Power-Down Core/Peripherals mode, the DSP responds
to an interrupt and (after 500 cycles to restabilize the PLL)
resumes executing instructions with the instruction after the
IDLE.
Clock Signals
The ADSP-2191M can be clocked by a crystal oscillator or a
buffered, shaped clock derived from an external clock oscillator.
If a crystal oscillator is used, the crystal should be connected
across the CLKIN and XTAL pins, with two capacitors and a
1M
shunt resistor connected as shown in Figure 3. Capacitor
values are dependent on crystal type and should be specified by
the crystal manufacturer. A parallel-resonant, fundamental fre-
quency, microprocessor-grade crystal should be used for this
configuration.
If a buffered, shaped clock is used, this external clock connects
to the DSP’s CLKIN pin. CLKIN input cannot be halted,
changed, or operated below the specified frequency during
normal operation. When an external clock is used, the XTAL
input must be left unconnected.
The DSP provides a user-programmable 1
to 32
multiplica-
tion of the input clock, including some fractional values, to
support 128 external to internal (DSP core) clock ratios. The
MSEL6–0, BYPASS, and DF pins decide the PLL multiplication
factor at reset. At runtime, the multiplication factor can be con-
trolled in software. The combination of pullup and pull-down
resistors in Figure sets up a core clock ratio of 6:1, which
produces a 150 MHz core clock from the 25 MHz input. For
other clock multiplier settings, see the ADSP-219x/2191 DSP
Hardware Reference.
The peripheral clock is supplied to the CLKOUT pin.
All on-chip peripherals for the ADSP-2191M operate at the rate
set by the peripheral clock. The peripheral clock is either equal
to the core clock rate or one-half the DSP core clock rate. This
selection is controlled by the IOSEL bit in the PLLCTL register.
The maximum core clock is 160 MHz and the maximum periph-
eral clock is 80 MHz—the combination of the input clock and
core/peripheral clock ratios may not exceed these limits.
Reset
The
RESET signal initiates a master reset of the ADSP-2191M.
The
RESET signal must be asserted during the powerup
sequence to assure proper initialization.
RESET during initial
powerup must be held long enough to allow the internal clock to
stabilize.
The powerup sequence is defined as the total time required for
the crystal oscillator circuit to stabilize after a valid VDD is applied
to the processor, and for the internal phase-locked loop (PLL) to
lock onto the specific crystal frequency. A minimum of 100 µs
ensures that the PLL has locked, but does not include the crystal
oscillator start-up time. During this powerup sequence the
RESET signal should be held low. On any subsequent resets, the
RESET signal must meet the minimum pulsewidth specifica-
tion, tWRST.
The
RESET input contains some hysteresis. If using an RC
circuit to generate your
RESET signal, the circuit should use an
external Schmidt trigger.
The master reset sets all internal stack pointers to the empty stack
condition, masks all interrupts, and resets all registers to their
default values (where applicable). When
RESET is released, if
there is no pending bus request and the chip is configured for
booting, the boot-loading sequence is performed. Program
control jumps to the location of the on-chip boot ROM
(0xFF 0000).
Power Supplies
The ADSP-2191M has separate power supply connections for
the internal (VDDINT) and external (VDDEXT) power supplies.
The internal supply must meet the 2.5 V requirement. The
external supply must be connected to a 3.3 V supply. All external
supply pins must be connected to the same supply.
Powerup Sequence
Power up together the two supplies VDDEXT and VDDINT. If
they cannot be powered up together, power up the internal (core)
supply first (powering up the core supply first reduces the risk of
latchup events.
Booting Modes
The ADSP-2191M has five mechanisms (listed in Table 6) for
automatically loading internal program memory after reset. Two
No-boot modes are also supported.
Figure 3. External Crystal Connections
CLKIN
CLKOUT
XTAL
ADSP-2191M
MSEL5 (PF5)
MSEL4 (PF4)
MSEL3 (PF3)
MSEL2 (PF2)
MSEL1 (PF1)
MSEL0 (PF0)
RESET
25MHz
MSEL6 (PF6)
DF (PF7)
VDD
VDD
BYPASS
RESET
SOURCE
RUNTIME
PF PIN I/O
THE PULL-UP/PULL-DOWN
RESISTORS ON THE MSEL,
DF, AND BYPASS PINS
SELECT THECORECLOCK
RATIO.
HERE, THE SELECTION (6:1)
AND 25MHz INPUT CLOCK
PRODUCE A 150MHz CORE
CLOCK.
1M


Similar Part No. - ADSP-2191MKST-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2191MKST-160 AD-ADSP-2191MKST-160 Datasheet
728Kb / 52P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2191MKST-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com