Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBB120 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LBB120
Description  Dual Single-Pole, Normally Closed OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBB120 Datasheet(HTML) 1 Page - IXYS Corporation

  LBB120 Datasheet HTML 1Page - IXYS Corporation LBB120 Datasheet HTML 2Page - IXYS Corporation LBB120 Datasheet HTML 3Page - IXYS Corporation LBB120 Datasheet HTML 4Page - IXYS Corporation LBB120 Datasheet HTML 5Page - IXYS Corporation LBB120 Datasheet HTML 6Page - IXYS Corporation LBB120 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LBB120
Dual Single-Pole, Normally Closed
OptoMOS® Relay
www.ixysic.com
DS-LBB120-R08
1
Part #
Description
LBB120
8-Pin DIP (50/Tube)
LBB120S
8-Pin Surface Mount (50/Tube)
LBB120STR
8-Pin Surface Mount (1000/Reel)
Parameter
Ratings
Units
Blocking Voltage
250
V
P
Load Current
170
mA
rms / mADC
On-Resistance (max)
20
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
3750V
rms Input/Output Isolation
Low Drive Power Requirements (TTL/CMOS
Compatible)
High Reliability
Arc-Free With No Snubbing Circuits
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Small 8-Pin Package
Machine Insertable, Wave Solderable
Surface Mount, Tape & Reel Version Available
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
e3
Pb
Switching Characteristics of
Normally Closed Devices
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
LBB120 is a dual 250V, 170mA, 20
 normally closed
(1-Form-B) relay that features low on-resistance
combined with enhanced peak load current handling
capability. Provided in an 8-pin SOIC package, and
employing optically coupled MOSFET technology, it
provides 3750V
rms of input/output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
Dual single-pole OptoMOS relays provide a more
compact design solution than discrete single-pole
relays in a variety of applications by incorporating
both relays in a single 8-pin package.


Similar Part No. - LBB120

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LBB120 CLARE-LBB120 Datasheet
114Kb / 7P
   DUAL POLE OptoMOS Relay
LBB120S CLARE-LBB120S Datasheet
114Kb / 7P
   DUAL POLE OptoMOS Relay
LBB120STR CLARE-LBB120STR Datasheet
114Kb / 7P
   DUAL POLE OptoMOS Relay
More results

Similar Description - LBB120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PBB190 IXYS-PBB190 Datasheet
129Kb / 7P
   Dual Single-Pole, Normally Closed OptoMOS Relay
LBB110 IXYS-LBB110_12 Datasheet
136Kb / 7P
   Dual Single-Pole, Normally Closed OptoMOS Relay
LBB126 IXYS-LBB126 Datasheet
135Kb / 7P
   Dual Single-Pole, Normally Closed OptoMOS Relay
PBB150 IXYS-PBB150 Datasheet
117Kb / 5P
   Dual Single-Pole, Normally Closed OptoMOS Relay
LBB127 IXYS-LBB127 Datasheet
171Kb / 7P
   Dual Single-Pole, Normally Closed OptoMOS Relay
XBB170 IXYS-XBB170 Datasheet
135Kb / 7P
   Dual Single-Pole, Normally Closed OptoMOS Relay
PLB150 IXYS-PLB150 Datasheet
105Kb / 5P
   Single Pole, Normally Closed OptoMOS Relay
LCB110 IXYS-LCB110 Datasheet
123Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB127 IXYS-LCB127 Datasheet
159Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB717 IXYS-LCB717 Datasheet
132Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com