Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCA220S Datasheet(PDF) 3 Page - IXYS Corporation

Part # LCA220S
Description  Common Input, Dual Single-Pole OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA220S Datasheet(HTML) 3 Page - IXYS Corporation

  LCA220S Datasheet HTML 1Page - IXYS Corporation LCA220S Datasheet HTML 2Page - IXYS Corporation LCA220S Datasheet HTML 3Page - IXYS Corporation LCA220S Datasheet HTML 4Page - IXYS Corporation LCA220S Datasheet HTML 5Page - IXYS Corporation LCA220S Datasheet HTML 6Page - IXYS Corporation LCA220S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LCA220
www.ixysic.com
3
R07
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Typical LED Forward Voltage Drop
(N=50, I
F=10mA)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical Turn-On Time
(N=50, I
F=10mA, IL=120mADC)
1.6
1.7
1.8
1.9
2.0
2.1
2.2
Turn-On Time (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=10mA, IL=120mADC)
0.30
0.50
0.70
0.20
0.40
0.60
0.80
Turn-Off Time (ms)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=120mADC)
LED Current (mA)
25
20
15
10
5
0
1.08
1.56
1.80
0.84
0.60
1.32
Typical I
F for Switch Dropout
(N=50, I
L=120mADC)
25
20
15
10
5
0
0.60
0.80
1.0
0.50
0.70
0.90
LED Current (mA)
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=120mADC)
30
25
20
15
10
5
0
8.25
12.5
12.7
12.9
10.25
On-Resistance ( )
Typical Blocking Voltage Distribution
(N=50)
25
20
15
10
5
0
400
410
420
430
Blocking Voltage (V
P)
390
440
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=30mA
I
F=20mA
I
F=10mA
Typical Turn-On Time
vs. LED Forward Current
(I
L=120mADC)
LED Forward Current (mA)
5
10
15
20
25
30
35
40
45
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50 55
Typical Turn-Off Time
vs. LED Forward Current
(I
L=120mADC)
LED Forward Current (mA)
5
10
15
20
25
30
35
40
45
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0
50


Similar Part No. - LCA220S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA220S CLARE-LCA220S Datasheet
197Kb / 6P
   Commom Input OptoMOS Relays
LCA220STR CLARE-LCA220STR Datasheet
197Kb / 6P
   Commom Input OptoMOS Relays
More results

Similar Description - LCA220S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA210L IXYS-LCA210L Datasheet
122Kb / 7P
   Common Input, Dual-Pole OptoMOS Relay
PBA150 IXYS-PBA150 Datasheet
107Kb / 5P
   Dual Single-Pole OptoMOS Relay
LBA126 IXYS-LBA126_12 Datasheet
152Kb / 9P
   Dual Single-Pole OptoMOS Relay
LBA120L IXYS-LBA120L_12 Datasheet
140Kb / 9P
   Dual Single-Pole OptoMOS Relay
LBA126L IXYS-LBA126L_12 Datasheet
107Kb / 5P
   Dual Single-Pole OptoMOS Relay
LBA120 IXYS-LBA120_12 Datasheet
151Kb / 9P
   Dual Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCC120 CLARE-LCC120 Datasheet
105Kb / 7P
   COMMON INPUT OptoMOS Relay
LCA211 CLARE-LCA211 Datasheet
73Kb / 4P
   COMMON INPUT OptoMOS Relay
LCC110 CLARE-LCC110 Datasheet
126Kb / 8P
   Common Input OptoMOS Relay
logo
IXYS Corporation
LBA110L IXYS-LBA110L_12 Datasheet
149Kb / 9P
   Dual Single-Pole, Combination OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com