Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCA715S Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCA715S
Description  Single-Pole, Normally Open 6-Pin OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA715S Datasheet(HTML) 1 Page - IXYS Corporation

  LCA715S Datasheet HTML 1Page - IXYS Corporation LCA715S Datasheet HTML 2Page - IXYS Corporation LCA715S Datasheet HTML 3Page - IXYS Corporation LCA715S Datasheet HTML 4Page - IXYS Corporation LCA715S Datasheet HTML 5Page - IXYS Corporation LCA715S Datasheet HTML 6Page - IXYS Corporation LCA715S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCA715-R06
1
LCA715
Single-Pole, Normally Open
6-Pin OptoMOS® Relay
e3
Pb
Part #
Description
LCA715
6 Pin DIP (50/Tube)
LCA715S
6 Pin Surface Mount (50/Tube)
LCA715STR
6 Pin Surface Mount (1000/Reel)
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Load Current
2.2
A
rms / ADC
On-Resistance (max)
0.15
Applications
Features
Description
Ordering Information
Pin Configuration
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment—Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
3750V
rms Input/Output Isolation
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Small 6-Pin Package
Machine Insertable, Wave Solderable
Surface Mount and Tape & Reel Versions Available
Switching Characteristics
of Normally Open Devices
Approvals
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1172007
EN/IEC 60950:
TUV Certificate B 09 07 49410 004
1
3
2
4
5
6
+ Control
- Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
- Control
Do Not Use
+ Load
- Load
DC Only Configuration
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
The LCA715 is a 60V single-pole, normally open
(1-Form-A) Solid State Relay. It uses optically
coupled MOSFET technology to provide 3750V
rms
of input to output isolation, and features an ultra-low
on-resistance for high-current operation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
Offering the superior reliability associated with
semiconductor devices, the LCA715 can be used to
replace mechanical relays. Because it has no moving
parts, it can offer faster, bounce-free switching in a
more compact surface mount or thru-hole package.


Similar Part No. - LCA715S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA715S CLARE-LCA715S Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
LCA715STR CLARE-LCA715STR Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
More results

Similar Description - LCA715S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1393 IXYS-CPC1393 Datasheet
135Kb / 7P
   Single-Pole, Normally Open 4-Pin OptoMOS Relay
CPC1330 IXYS-CPC1330 Datasheet
132Kb / 7P
   Single-Pole, Normally Open 4-Pin OptoMOS Relay
CPC1394 IXYS-CPC1394 Datasheet
136Kb / 7P
   Single-Pole, Normally Open 4-Pin OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
CPC1390 IXYS-CPC1390 Datasheet
137Kb / 7P
   Single Pole, Normally Open 4-Pin OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
   Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com