Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDA100 Datasheet(PDF) 6 Page - IXYS Corporation

Part # LDA100
Description  Optocoupler, Bidirectional Input Single-Transistor Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDA100 Datasheet(HTML) 6 Page - IXYS Corporation

  LDA100 Datasheet HTML 1Page - IXYS Corporation LDA100 Datasheet HTML 2Page - IXYS Corporation LDA100 Datasheet HTML 3Page - IXYS Corporation LDA100 Datasheet HTML 4Page - IXYS Corporation LDA100 Datasheet HTML 5Page - IXYS Corporation LDA100 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
For additional information please visit our website at: www.ixysic.com
6
LDA100
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to
its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-LDA100-R06
©Copyright 2012, IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
12/22/2012
LDA100STR Tape & Reel
NOTES:
1. All dimensions carry tolerances of EIA Standard 481-2
2. The tape complies with all “Notes” for constant dimensions listed on page 5 of EIA-481-2
Dimensions
mm
(inches)
Embossment
Embossed
Carrier
330.2 Dia
(13.00 Dia)
Top Cover
Tape Thickness
0.102 Max
(0.004 Max)
W=16.00
(0.63)
B
0 = 10.10
(0.398)
A
0 = 10.10
(0.398)
P = 12.00
(0.472)
K
1 = 3.80
(0.15)
K
0 = 4.90
(0.19)
User Direction of Feed


Similar Part No. - LDA100

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA100 CLARE-LDA100 Datasheet
69Kb / 5P
   Solid State Current Sensors
LDA100S CLARE-LDA100S Datasheet
69Kb / 5P
   Solid State Current Sensors
logo
CINCON ELECTRONICS Corp...
LDA100S CINCON-LDA100S Datasheet
247Kb / 2P
   100W SINGLE OUTPUT LED POWER SUPPLY
LDA100S142 CINCON-LDA100S142 Datasheet
247Kb / 2P
   100W SINGLE OUTPUT LED POWER SUPPLY
LDA100S214 CINCON-LDA100S214 Datasheet
247Kb / 2P
   100W SINGLE OUTPUT LED POWER SUPPLY
More results

Similar Description - LDA100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
   Optocoupler, Bidirectional Input Darlington-Transistor Output
logo
Clare, Inc.
LDA110 CLARE-LDA110_1 Datasheet
116Kb / 5P
   Bidirectional Input, Darlington Transistor Output Optocoupler
LDA102 CLARE-LDA102 Datasheet
128Kb / 5P
   Unidirectional-Input, Single-Transistor Output Optocoupler
logo
IXYS Corporation
LDA101 IXYS-LDA101 Datasheet
120Kb / 6P
   Optocoupler, Unidirectional Input Single-Transistor Output
LDA102 IXYS-LDA102 Datasheet
120Kb / 6P
   Optocoupler, Unidirectional Input Single-Transistor Output
logo
Clare, Inc.
CPC1001N CLARE-CPC1001N Datasheet
109Kb / 4P
   Unidirectional Input, Single-Transistor Output Optocoupler
logo
IXYS Corporation
CPC1001N IXYS-CPC1001N Datasheet
125Kb / 5P
   Optocoupler: Unidirectional Input, Single-Transistor Output
logo
Siemens Semiconductor G...
IL766B SIEMENS-IL766B Datasheet
21Kb / 1P
   BIDIRECTIONAL INPUT OPTOCOUPLER
ILD255 SIEMENS-ILD255 Datasheet
77Kb / 2P
   BIDIRECTIONAL INPUT OPTOCOUPLER
IL250 SIEMENS-IL250 Datasheet
76Kb / 3P
   BIDIRECTIONAL INPUT OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com