Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDA101 Datasheet(PDF) 2 Page - IXYS Corporation

Part # LDA101
Description  Optocoupler, Unidirectional Input Single-Transistor Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDA101 Datasheet(HTML) 2 Page - IXYS Corporation

  LDA101 Datasheet HTML 1Page - IXYS Corporation LDA101 Datasheet HTML 2Page - IXYS Corporation LDA101 Datasheet HTML 3Page - IXYS Corporation LDA101 Datasheet HTML 4Page - IXYS Corporation LDA101 Datasheet HTML 5Page - IXYS Corporation LDA101 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R06
LDA101
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC (Unless Otherwise Noted)
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Phototransistor Breakdown Voltage
I
C=10µA
BV
CEO
30
-
-
V
Phototransistor Dark Current
V
CE=5V, IF=0mA
I
CEO
-
10
500
nA
Saturation Voltage
I
C=2mA, IF=1mA
V
CE(sat)
-
-
0.5
V
Current Transfer Ratio
I
F=1mA, VCE=0.5V
CTR
33
300
-
%
Output Capacitance
25V, f=1MHz
C
OUT
-6
-
pF
Input Characteristics
Input Control Current
I
C=0.33mA, VCE=0.5V
I
F
--
1
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3
-
pF
Parameter
Ratings
Units
Breakdown Voltage
30
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Power Dissipation
Input 1
150
mW
Phototransistors 2
150
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
ºC
Storage Temperature
-40 to +125
ºC
1 Derate linearly 1.33mW / ºC
2 Derate linearly 2mW / ºC
Characteristic
Symbol
Test Condition
Typ
Units
Turn-On Time
t
on
V
CC=5V, IF=2mA, RL=1K
7
s
Turn-Off Time
t
off
20
Switching Characteristics @ 25ºC
Switching Time Test Circuit
V
CC
V
CE
R
L
I
F
Pulse Width=5ms
Duty Cycle=1%
I
F
10%
90%
t on
t off
V
CE


Similar Part No. - LDA101

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA101 CLARE-LDA101 Datasheet
68Kb / 5P
   Solid State Current Sensors
LDA101S CLARE-LDA101S Datasheet
68Kb / 5P
   Solid State Current Sensors
LDA101STR CLARE-LDA101STR Datasheet
68Kb / 5P
   Solid State Current Sensors
More results

Similar Description - LDA101

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA102 CLARE-LDA102 Datasheet
128Kb / 5P
   Unidirectional-Input, Single-Transistor Output Optocoupler
CPC1001N CLARE-CPC1001N Datasheet
109Kb / 4P
   Unidirectional Input, Single-Transistor Output Optocoupler
logo
IXYS Corporation
CPC1001N IXYS-CPC1001N Datasheet
125Kb / 5P
   Optocoupler: Unidirectional Input, Single-Transistor Output
LDA102 IXYS-LDA102 Datasheet
120Kb / 6P
   Optocoupler, Unidirectional Input Single-Transistor Output
logo
Clare, Inc.
LDA111 CLARE-LDA111_1 Datasheet
116Kb / 5P
   Unidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA111 IXYS-LDA111 Datasheet
118Kb / 6P
   Optocoupler, Unidirectional Input Darlington-Transistor Output
LDA100 IXYS-LDA100 Datasheet
120Kb / 6P
   Optocoupler, Bidirectional Input Single-Transistor Output
LDA201 IXYS-LDA201 Datasheet
120Kb / 6P
   Dual Optocouplers, Unidirectional Input Single-Transistor Output
LDA203 IXYS-LDA203 Datasheet
120Kb / 6P
   Dual Optocouplers, Unidirectional Input Single-Transistor Output
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
   Optocoupler, Bidirectional Input Darlington-Transistor Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com