Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7318 Datasheet(PDF) 2 Page - Analog Devices

Part # ADT7318
Description  SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7318 Datasheet(HTML) 2 Page - Analog Devices

  ADT7318 Datasheet HTML 1Page - Analog Devices ADT7318 Datasheet HTML 2Page - Analog Devices ADT7318 Datasheet HTML 3Page - Analog Devices ADT7318 Datasheet HTML 4Page - Analog Devices ADT7318 Datasheet HTML 5Page - Analog Devices ADT7318 Datasheet HTML 6Page - Analog Devices ADT7318 Datasheet HTML 7Page - Analog Devices ADT7318 Datasheet HTML 8Page - Analog Devices ADT7318 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
–2–
REV. PrN
PRELIMINARY TECHNICAL DATA
ADT7316/ADT7317/ADT7318-SPECIFICATIONS1
(VDD=2.7 V to 5.5 V, GND=0 V, REFIN=2.25 V, unless otherwise noted)
Parameter
2
Min
Typ
M a x
Units
Conditions/Comments
DACDCPERFORMANCE
3,4
ADT7318
Resolution
8
Bits
Relative Accuracy
±0.15
± 1
L S B
Relative Accuracy
tbd
tbd
L S B
Excluding Offset and Gain errors
Differential Nonlinearity
±0.02
±0.25
L S B
Guaranteed Monotonic by design over all codes
ADT7317
Resolution
10
Bits
Relative Accuracy
±0.5
± 4
L S B
Relative Accuracy
tbd
tbd
L S B
Excluding Offset and Gain errors
Differential Nonlinearity
±0.05
±0.5
L S B
Guaranteed Monotonic by design over all codes
ADT7316
Resolution
12
Bits
Relative Accuracy
± 2
±16
L S B
Relative Accuracy
tbd
tbd
L S B
Excluding Offset and Gain errors
Differential Nonlinearity
±0.02
±0.9
L S B
Guaranteed Monotonic by design over all codes
Offset Error
±0.4
± 3
% of FSR
Offset Error Match
±0.5
L S B
Gain Error
±0.3
±1.25
% of FSR
Gain Error Match
±0.5
L S B
Lower Deadband
20
60
m V
Lower Deadband exists only if Offset Error is
Negative. See Figure 5.
Upper Deadband
tbd
tbd
m V
Upper Deadband exists if VREF = VDD and Offset
plus Gain Error is positive. See Figure 6.
Offset Error Drift
6
-12
ppm of FSR/°C
Gain Error Drift
6
-5
ppm of FSR/°C
DC Power Supply Rejection Ratio
6
-60
dB
∆V
DD = ±10%
DC Crosstalk
6
200
µ V
RL = 2 K
Ω to GND or V
DD
THERMAL CHARACTERISTICS
InternalReferenceused.
INTERNALTEMPERATURE
SENSOR
Accuracy @ VDD=3.3V
± 2
° C
TA = 0°C to +85°C
±3
° C
TA = -40°C to +125°C
Accuracy @ VDD=5V
± 2
° C
TA = 0°C to +85°C
±3
° C
TA = -40°C to +125°C
Resolution
1 0
Bits
Long Term Drift
0.5
°C/1000hrs
EXTERNAL TEMPERATURE
SENSOR
External Transistor = 2N3906.
Accuracy @ VDD=3.3V
± 2
° C
TA = 0°C to +85°C.
±3
° C
TA = -40°C to +125°C
Accuracy @ VDD=5V
± 2
° C
TA = 0°C to +85°C
±3
° C
TA = -40°C to +125°C
Resolution
1 0
Bits
Update Rate, tR
T B D
µ s
Round Robin
5 enabled
T B D
µ s
Round Robin disabled
Temperature Conversion Time
TBD
µs
Output Source Current
180
µ A
High Level
11
µ A
Low Level
VOLTAGE OUTPUT
8-Bit DAC Output
Resolution
1
°C
Scale Factor
8.79
mV/°C
0-VREF Output. TA = -40°C to +125°C
17.58
mV/°C
0-2VREF Output. TA = -40°C to +125°C
10-Bit DAC Output
Resolution
0.25
°C


Similar Part No. - ADT7318

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7318ARQ AD-ADT7318ARQ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7318ARQ-REEL AD-ADT7318ARQ-REEL Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7318ARQ-REEL7 AD-ADT7318ARQ-REEL7 Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7318ARQZ-REEL AD-ADT7318ARQZ-REEL Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
More results

Similar Description - ADT7318

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
LTC2632 AD-LTC2632 Datasheet
518Kb / 24P
   Dual 12-/10-/8-Bit SPI DAC
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
logo
IC MICROSYSTEMS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Texas Instruments
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
[Old version datasheet]   DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com