Electronic Components Datasheet Search |
|
BUK7Y38-100E Datasheet(PDF) 10 Page - NXP Semiconductors |
|
BUK7Y38-100E Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 13 page NXP Semiconductors BUK7Y38-100E N-channel 100 V, 38 mΩ standard level MOSFET in LFPAK56 BUK7Y38-100E All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved Product data sheet 20 February 2013 10 / 13 11. Package outline REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA SOT669 MO-235 06-03-16 11-03-25 0 2.5 5 mm scale e E1 b c2 A2 A2 b c A e UNIT DIMENSIONS (mm are the original dimensions) mm 1.10 0.95 A3 A1 0.15 0.00 1.20 1.01 0.50 0.35 b2 4.41 3.62 b3 2.2 2.0 b4 0.9 0.7 0.25 0.19 c2 0.30 0.24 4.10 3.80 6.2 5.8 H 1.3 0.8 L2 0.85 0.40 L 1.3 0.8 L1 8° 0° w y D(1) 5.0 4.8 E(1) 3.3 3.1 E1(1) D1(1) max 0.25 4.20 1.27 0.25 0.1 1 2 3 4 mounting base D1 c Plastic single-ended surface-mounted package (LFPAK; Power-SO8); 4 leads SOT669 E b2 b3 b4 H D L2 L1 A A w M C C X 1/2 e y C θ θ (A ) 3 L A A1 detail X Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. Fig. 17. Package outline LFPAK; Power-SO8 (SOT669) |
Similar Part No. - BUK7Y38-100E |
|
Similar Description - BUK7Y38-100E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |