Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV476KN35 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV476KN35
Description  CMOS Monolithic 256x18 Color Palette RAM-DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV476KN35 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV476KN35 Datasheet HTML 3Page - Analog Devices ADV476KN35 Datasheet HTML 4Page - Analog Devices ADV476KN35 Datasheet HTML 5Page - Analog Devices ADV476KN35 Datasheet HTML 6Page - Analog Devices ADV476KN35 Datasheet HTML 7Page - Analog Devices ADV476KN35 Datasheet HTML 8Page - Analog Devices ADV476KN35 Datasheet HTML 9Page - Analog Devices ADV476KN35 Datasheet HTML 10Page - Analog Devices ADV476KN35 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADV476
REV. B
–7–
Frame Buffer Interface
The P0-P7 inputs are used to address the color palette RAM, as
shown in Table IV. These inputs are latched on the rising edge
of PCLK and address any of the 256 locations in the color pal-
ette RAM. The addressed location contains 18 bits of color (6
bits of red, 6 bits of green and 6 bits of blue) information. This
data is transferred to the three DACs and is then converted to
an analog output (RED, GREEN, BLUE), these outputs then
control the red, green and blue electron guns in the monitor.
The BLANK input is also latched on the rising edge of PCLK.
This is to maintain synchronization with the color data.
Table IV. Pixel Select/Color Palette Control Truth Table
P0–P7
Addressed by Frame Buffer
00H
Color Palette RAM Location 00H
01H
Color Palette RAM Location 01H
••
••
FFH
Color Palette RAM Location FFH
Pixel Read Mask Register
The Pixel Read Mask Register in the ADV476 can be used to
implement register level pixel processing, thereby cutting down
on software overhead. This is achieved by gating the input pixel
stream (P0–P7) with the contents of the pixel read mask regis-
ter. The operation is a bitwise logical ANDing of the pixel data.
The contents of This register can be accessed and altered at any
time by the MPU (D0–D7). Table I shows the relevant control
signals.
This pixel masking operation can be used to alter the displayed
colors without changing the contents of either the video frame
buffer or the color palette RAM. The effect of this operation is
to partition the color palette into a user determined number of
color planes. This process can be used for special effects includ-
ing animation, overlays and flashing objects.
(See also application note entitled “Animation Using the Pixel
Read Mask Register of the ADV47x Series of Video RAM-
DACs,” available from Analog Devices (Pub No.
E1316–15–10/89).
Figure 3. Block Diagram Showing Pixel Read
Mask Register
Analog Interface
The ADV476 has three analog outputs, corresponding to the
Red, Green and Blue video signals.
The Red, Green and Blue analog outputs of the ADV476 are
high impedance current sources. Each one of these three RGB
current outputs is capable of directly driving a 37.5
Ω load, such
as a doubly-terminated 75
Ω coaxial cable. Figure 4a shows the
required configuration for each of the three RGB outputs con-
nected into a doubly-terminated 75
Ω load. This arrangement
will develop RS-343A video output voltage levels across a 75
monitor. A simple method of driving RS-170 video levels into a
75
Ω monitor is shown in Figure 4b. The output current levels
of the DACs remain unchanged but the source termination
Figure 4a. Recommended Analog Output Termination
for RS-343A
resistance, ZS on each of the three DACs is increased from 75
to 150
Ω.
More detailed information regarding load terminations for vari-
ous output configurations, including RS-343A and RS-170, is
available in an application note entitled “Video Formats &
Required Load Terminations,” available from Analog Devices.
Figure 5 shows the video waveforms associated with the three
RGB outputs, driving the doubly terminated 75
Ω load of Fig-
ure 4a. The BLANK control input drives the analog outputs to
the Black Level. BLANK is asserted prior to horizontal and ver-
tical screen retrace. Table V details how the BLANK input
modifies the output levels.
Figure 4b. Recommended Analog Output Termination
for RS-170


Similar Part No. - ADV476KN35

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV471 AD-ADV471 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV471KP35 AD-ADV471KP35 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV471KP50 AD-ADV471KP50 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV471KP66 AD-ADV471KP66 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV471KP80 AD-ADV471KP80 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
More results

Similar Description - ADV476KN35

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV453 AD-ADV453_15 Datasheet
684Kb / 12P
   CMOS 66 MHz Monolithic 2563 24 Color Palette RAM-DAC
Rev. B
ADV453 AD-ADV453 Datasheet
247Kb / 6P
   CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
REV. B
logo
List of Unclassifed Man...
BT453 ETC-BT453 Datasheet
932Kb / 17P
   66Mhz Monolithic CMOS 256X24 Color Palette RAMDAC
logo
Analog Devices
ADV475 AD-ADV475_15 Datasheet
1Mb / 3P
   CMOS 80 MHZ MONOLITHIC 2560 WORD POWER DOWN COLOR PALETTE RAM DACS
REV. 0
ADV478 AD-ADV478 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478 AD-ADV478_15 Datasheet
208Kb / 12P
   CMOS 80 MHz Monolithic 256 3 24(18) Color Palette RAM-DACs
REV. B
logo
UMC Corporation
UM70C171 UMC-UM70C171 Datasheet
626Kb / 15P
   Color Palette With Triple 6-Bit DAC
logo
National Semiconductor ...
DAC0630 NSC-DAC0630 Datasheet
576Kb / 15P
   Triple 6-Bit Video DAC with Color Palette
logo
List of Unclassifed Man...
TR9C1710 ETC1-TR9C1710 Datasheet
169Kb / 2P
   GRAPHICS COLOR PALETTE
logo
Texas Instruments
TVP3409 TI-TVP3409 Datasheet
245Kb / 57P
[Old version datasheet]   Video Interface Palette True-Color CMOS RAMDAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com