Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9Y29-40E Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUK9Y29-40E
Description  N-channel 40 V, 29 m廓 logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9Y29-40E Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK9Y29-40E Datasheet HTML 1Page - NXP Semiconductors BUK9Y29-40E Datasheet HTML 2Page - NXP Semiconductors BUK9Y29-40E Datasheet HTML 3Page - NXP Semiconductors BUK9Y29-40E Datasheet HTML 4Page - NXP Semiconductors BUK9Y29-40E Datasheet HTML 5Page - NXP Semiconductors BUK9Y29-40E Datasheet HTML 6Page - NXP Semiconductors BUK9Y29-40E Datasheet HTML 7Page - NXP Semiconductors BUK9Y29-40E Datasheet HTML 8Page - NXP Semiconductors BUK9Y29-40E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NXP Semiconductors
BUK9Y29-40E
N-channel 40 V, 29 mΩ logic level MOSFET in LFPAK56
BUK9Y29-40E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
20 February 2013
4 / 13
003aaj021
10-3
10-2
10-1
1
10
10-2
10-1
1
10
102
tAL (ms)
IAL
IAL
(A)
(A)
(1)
(1)
(2)
(2)
(3)
(3)
Fig. 3. Avalanche rating; avalanche current as a function of avalanche time
003aaj022
1
10
102
10-2
10-1
1
10
102
103
VDS (V)
ID
ID
(A)
(A)
DC
DC
100 ms
100 ms
10 ms
10 ms
1 ms
1 ms
100 us
100 us
tp = 10 us
tp = 10 us
Limit RDSon = VDS / ID
Limit RDSon = VDS / ID
Fig. 4. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance
from junction to
mounting base
Fig. 5
-
-
4.03
K/W


Similar Part No. - BUK9Y29-40E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9Y29-40E NEXPERIA-BUK9Y29-40E Datasheet
741Kb / 13P
   N-channel 40 V, 29 mΩ logic level MOSFET in LFPAK56
7 May 2013
logo
NXP Semiconductors
BUK9Y29-40E PHILIPS-BUK9Y29-40E_15 Datasheet
319Kb / 13P
   N-channel 40 V, 29 m廓 logic level MOSFET in LFPAK56
7 May 2013
More results

Similar Description - BUK9Y29-40E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y29-40E PHILIPS-BUK9Y29-40E_15 Datasheet
319Kb / 13P
   N-channel 40 V, 29 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK7Y29-40E NXP-BUK7Y29-40E Datasheet
352Kb / 13P
   N-channel 40 V, 29 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y29-40E PHILIPS-BUK7Y29-40E_15 Datasheet
352Kb / 13P
   N-channel 40 V, 29 m廓 standard level MOSFET in LFPAK56
7 May 2013
BUK9Y4R4-40E NXP-BUK9Y4R4-40E Datasheet
296Kb / 13P
   N-channel 40 V, 4.4 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y12-40E NXP-BUK9Y12-40E Datasheet
326Kb / 13P
   N-channel 40 V, 12 m廓 logic level MOSFET in LFPAK56
14 February 2013
BUK9Y7R6-40E PHILIPS-BUK9Y7R6-40E_15 Datasheet
358Kb / 13P
   N-channel 40 V, 7.6 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK9Y21-40E PHILIPS-BUK9Y21-40E_15 Datasheet
301Kb / 13P
   N-channel 40 V, 21 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK9Y7R6-40E NXP-BUK9Y7R6-40E Datasheet
358Kb / 13P
   N-channel 40 V, 7.6 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y21-40E NXP-BUK9Y21-40E Datasheet
292Kb / 13P
   N-channel 40 V, 21 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y4R4-40E PHILIPS-BUK9Y4R4-40E_15 Datasheet
305Kb / 13P
   N-channel 40 V, 4.4 m廓 logic level MOSFET in LFPAK56
7 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com