Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2KMD80SJ Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # 2KMD80SJ
Description  SCHOTTKY BARRIER BRIDGE RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2KMD80SJ Datasheet(HTML) 4 Page - Rectron Semiconductor

  2KMD80SJ Datasheet HTML 1Page - Rectron Semiconductor 2KMD80SJ Datasheet HTML 2Page - Rectron Semiconductor 2KMD80SJ Datasheet HTML 3Page - Rectron Semiconductor 2KMD80SJ Datasheet HTML 4Page - Rectron Semiconductor 2KMD80SJ Datasheet HTML 5Page - Rectron Semiconductor 2KMD80SJ Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - 2KMD80SJ

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
2KMD80S RECTRON-2KMD80S Datasheet
579Kb / 4P
   SCHOTTKY BARRIER BRIDGE RECTIFIER
More results

Similar Description - 2KMD80SJ

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
2KMD80S RECTRON-2KMD80S Datasheet
579Kb / 4P
   SCHOTTKY BARRIER BRIDGE RECTIFIER
2KMD20S RECTRON-2KMD20S Datasheet
572Kb / 4P
   SCHOTTKY BARRIER BRIDGE RECTIFIER
2KMD40S RECTRON-2KMD40S Datasheet
722Kb / 4P
   SCHOTTKY BARRIER BRIDGE RECTIFIER
KMD20SJ RECTRON-KMD20SJ Datasheet
102Kb / 6P
   SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
MS12 KISEMICONDUCTOR-MS12 Datasheet
5Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KMB32F ZSELEC-KMB32F Datasheet
394Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB32S ZSELEC-KMB32S Datasheet
397Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KABS22 ZSELEC-KABS22 Datasheet
140Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KABS12 ZSELEC-KABS12 Datasheet
134Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
TS220S ZSELEC-TS220S Datasheet
143Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com