Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A4-B-D-A01 Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # 6A4-B-D-A01
Description  SILICON RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

6A4-B-D-A01 Datasheet(HTML) 4 Page - Rectron Semiconductor

  6A4-B-D-A01 Datasheet HTML 1Page - Rectron Semiconductor 6A4-B-D-A01 Datasheet HTML 2Page - Rectron Semiconductor 6A4-B-D-A01 Datasheet HTML 3Page - Rectron Semiconductor 6A4-B-D-A01 Datasheet HTML 4Page - Rectron Semiconductor 6A4-B-D-A01 Datasheet HTML 5Page - Rectron Semiconductor 6A4-B-D-A01 Datasheet HTML 6Page - Rectron Semiconductor 6A4-B-D-A01 Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RECTRON
Attachment information about 6A4
Marking on the body
V
X
X
Cathode Band
Year - code
Plant - code
Rectron Logo
Month - code
6
A
4
Part No.
Voltage-code
4-------400V


Similar Part No. - 6A4-B-D-A01

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
6A4-B RECTRON-6A4-B Datasheet
33Kb / 3P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
More results

Similar Description - 6A4-B-D-A01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N647-1 MICROSEMI-1N647-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
1N649-1 MICROSEMI-1N649-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N4001 RECTRON-1N4001 Datasheet
225Kb / 2P
   SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
IN3569-74 NJSEMI-IN3569-74 Datasheet
56Kb / 1P
   Silicon Rectifier
logo
Yangzhou yangjie electr...
ARS35A YANGJIE-ARS35A Datasheet
148Kb / 2P
   Silicon Rectifier
logo
New Jersey Semi-Conduct...
1N442 NJSEMI-1N442 Datasheet
88Kb / 1P
   Silicon Rectifier
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
   SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
RL151PT CHENMKO-RL151PT Datasheet
81Kb / 2P
   SILICON RECTIFIER
logo
Yangzhou yangjie electr...
15A YANGJIE-15A Datasheet
146Kb / 2P
   Silicon Rectifier
logo
Zowie Technology Corpor...
1N4001E ZOWIE-1N4001E Datasheet
45Kb / 2P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N5391 RECTRON-1N5391 Datasheet
22Kb / 2P
   SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com