Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB101 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # DB101
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DB101 Datasheet(HTML) 1 Page - Rectron Semiconductor

  DB101_11 Datasheet HTML 1Page - Rectron Semiconductor DB101_11 Datasheet HTML 2Page - Rectron Semiconductor DB101_11 Datasheet HTML 3Page - Rectron Semiconductor DB101_11 Datasheet HTML 4Page - Rectron Semiconductor DB101_11 Datasheet HTML 5Page - Rectron Semiconductor DB101_11 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
DB101
THRU
DB107
DB-1
Dimensions in inches and (millimeters)
FEATURES
* Good for automation insertion
* Surge overload rating - 40 amperes peak
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Polarity symbols molded on body
* Mounting position: Any
* Weight: 1.0 gram
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
2011-04
REV:B
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
I
2t
TJ,TSTG
VRMS
Volts
Volts
Amps
1.0
40
6.6
-55 to + 150
0 C
UNITS
Maximum Average Forward Output Current at TA = 40
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
Volts
Amps
A
2/Sec
DB101
DB103
DB104
DB102
DB105
DB106
DB107
DB101
DB103
DB104
DB102
DB105
DB106
DB107
50
200
400
100
600
800
1000
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
0.5
mAmps
mAmps
Element at 1.0A DC
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 125
oC
5.0
R
q JA
0C/W
R
q JL
Typical Thermal Resistance (Note 2)
Current Squarad Time
Note: 1.”Fully ROHS compliant”,”100% Sn plating(Pb-free).
2. Thermal Resistance: PCB mounted.
40
15
Maximum Reverse Current at Rated
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
.205 (5.2)
.060
(1.5)
.020
(0.5)
.195 (5.0)
.165 (4.2)
.155 (3.9)
.135 (3.4)
.115 (2.9)
.335 (8.8)
.320 (7.8)
.350 (8.9)
.300 (7.6)
.255 (6.5)
.245 (6.2)
* UL listed under the recognized component directory, file #E94233.
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
3. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.


Similar Part No. - DB101_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DB101 MCC-DB101_11 Datasheet
255Kb / 3P
   1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - DB101_11

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SLDB101S RECTRON-SLDB101S_10 Datasheet
202Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
MDA100G RECTRON-MDA100G Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS101 RECTRON-RS101 Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS101M RECTRON-RS101M_10 Datasheet
130Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SLDB101S RECTRON-SLDB101S Datasheet
293Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
DB101LS RECTRON-DB101LS Datasheet
197Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
MDA100G RECTRON-MDA100G_07 Datasheet
226Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
DB101LS RECTRON-DB101LS_10 Datasheet
165Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
LDB101S RECTRON-LDB101S Datasheet
477Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
2020-04/97 REV:B
RS101M RECTRON-RS101M Datasheet
223Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com