Electronic Components Datasheet Search |
|
DDMAM78S Datasheet(PDF) 4 Page - ITT Industries |
|
DDMAM78S Datasheet(HTML) 4 Page - ITT Industries |
4 / 62 page C C-4 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change D Subminiature Selector Guide Series Wire Gauge Range AWG Mating Cycles RoHS confirm Layout Operating Voltage Current Rating (Amps) Contact Resistance Operating Temperature Mil Salt Spray Test Resistance in hours Shell Material Shell Finish Insulator Contact Type Contact Material Contact Finish Page Number D*M AWG 18-30 200,500 Available 9, 15, 25, 37, 50 1000 VAC* 7,5 A max 10 milli Ohm max -55°C/125°C 20 hours (Mil:48 hours) Steel RoHS - Tin/Nickel Yellow chromate over cadmium or zinc Thermoplastic, PCT UL 94V-0 Turned Copper Alloy Gold over Nickel C-9 D- Subminiature D*MA AWG 18-30 200,500 Available 9, 15, 25, 37, 50, 15, 26, 44, 62, 78, 104 (high density) 1000 VAC* 7,5 A max 10 milli Ohm max -55°C/125°C 48 hours Steel RoHS - Tin/Nickel Yellow chromate over cadmium or zinc Thermoplastic, PCT UL 94V-0 Turned Copper Alloy Gold over Nickel C-11 GD* AWG 18-30 500 no 9, 15, 25, 37, 50, 15, 26, 44, 62, 78, 104 (high density) 1000 VAC* 7,5 A max 10 milli Ohm max -65°C/150°C 48 hours Steel Yellow chromate over cadmium or zinc Thermoplastic, PCT UL 94V-0 Turned Copper Alloy Gold over Nickel C-37 ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 4 |
Similar Part No. - DDMAM78S |
|
Similar Description - DDMAM78S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |