Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7170 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7170
Description  Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7170 Datasheet(HTML) 4 Page - Analog Devices

  ADV7170 Datasheet HTML 1Page - Analog Devices ADV7170 Datasheet HTML 2Page - Analog Devices ADV7170 Datasheet HTML 3Page - Analog Devices ADV7170 Datasheet HTML 4Page - Analog Devices ADV7170 Datasheet HTML 5Page - Analog Devices ADV7170 Datasheet HTML 6Page - Analog Devices ADV7170 Datasheet HTML 7Page - Analog Devices ADV7170 Datasheet HTML 8Page - Analog Devices ADV7170 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
–4–
REV. 0
ADV7170/ADV7171–SPECIFICATIONS
Parameter
Conditions1
Min
Typ
Max
Units
Differential Gain
3, 4
Normal Power Mode
0.3
0.7
%
Differential Phase
3, 4
Normal Power Mode
0.4
0.7
Degrees
Differential Gain
3, 4
Lower Power Mode
1.0
2.0
%
Differential Phase
3, 4
Lower Power Mode
1.0
2.0
Degrees
SNR
3, 4 (Pedestal)
RMS
80
dB rms
SNR
3, 4 (Pedestal)
Peak Periodic
70
dB p-p
SNR
3, 4 (Ramp)
RMS
60
dB rms
SNR
3, 4 (Ramp)
Peak Periodic
58
dB p-p
Hue Accuracy
3, 4
0.7
1.2
Degrees
Color Saturation Accuracy
3, 4
0.9
1.4
%
Chroma Nonlinear Gain
3, 4
Referenced to 40 IRE
0.6
±%
Chroma Nonlinear Phase
3, 4
0.3
0.5
±Degrees
Chroma/Luma Intermod
3, 4
0.2
0.4
±%
Chroma/Luma Gain Inequality
3, 4
1.0
1.4
±%
Chroma/Luma Delay Inequality
3, 4
0.5
2.0
ns
Luminance Nonlinearity
3, 4
0.8
1.4
±%
Chroma AM Noise
3, 4
82
85
dB
Chroma PM Noise
3, 4
79
81
dB
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over 4.75 V to 5.25 V.
2Temperature range T
MIN to TMAX: 0 °C to +70 °C.
3Guaranteed by characterization.
4The low pass filter only and guaranteed by design.
Specifications subject to change without notice.
5 V DYNAMIC SPECIFICATIONS
(VAA = +5 V
5%
1, V
REF = 1.235 V, RSET = 150
. All specifications TMIN to TMAX
2 unless
otherwise noted.)
Parameter
Conditions
1
Min
Typ
Max
Units
Differential Gain3
Normal Power Mode
1.0
%
Differential Phase3
Normal Power Mode
0.5
Degrees
Differential Gain3
Lower Power Mode
0.6
%
Differential Phase3
Lower Power Mode
0.5
Degrees
SNR3 (Pedestal)
RMS
78
dB rms
SNR3 (Pedestal)
Peak Periodic
70
dB p-p
SNR3 (Ramp)
RMS
60
dB rms
SNR3 (Ramp)
Peak Periodic
58
dB p-p
Hue Accuracy3
1.0
Degrees
Color Saturation Accuracy3
1.0
%
Luminance Nonlinearity3, 4
1.4
±%
Chroma AM Noise3, 4
80
dB
Chroma PM Noise3, 4
79
dB
Chroma Nonlinear Gain3, 4
Referenced to 40 IRE
0.6
±%
Chroma Nonlinear Phase3, 4
0.3
0.5
±Degrees
Chroma/Luma Intermod3, 4
0.2
0.4
±%
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over 4.75 V to 5.25 V.
2Temperature range T
MIN to TMAX: 0 °C to +70 °C.
3Guaranteed by characterization.
4These specifications are for the low-pass filter only and guaranteed by design. For other internal filters, see Figure 4.
Specifications subject to change without notice.
3.3 V DYNAMIC SPECIFICATIONS
(VAA = +3.0 V – 3.6 V
1, V
REF = 1.235 V, RSET = 150
. All specifications TMIN to TMAX
2 unless
otherwise noted.)


Similar Part No. - ADV7170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7170KSUZ AD-ADV7170KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7170KSUZ-REEL AD-ADV7170KSUZ-REEL Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7170KSZ AD-ADV7170KSZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7170KSZ-REEL AD-ADV7170KSZ-REEL Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
More results

Similar Description - ADV7170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7179 AD-ADV7179_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Rev. B
ADV7174 AD-ADV7174 Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com