Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA2003-T-S-A01 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SPA2003-T-S-A01
Description  SILICON RECTIFIER VOLAGE 200 Volts CURRENT 20 Ampere
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SPA2003-T-S-A01 Datasheet(HTML) 2 Page - Rectron Semiconductor

  SPA2003-T-S-A01 Datasheet HTML 1Page - Rectron Semiconductor SPA2003-T-S-A01 Datasheet HTML 2Page - Rectron Semiconductor SPA2003-T-S-A01 Datasheet HTML 3Page - Rectron Semiconductor SPA2003-T-S-A01 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES ( SPA2003-T-S-A01 )
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
LEAD TEMPERATURE, (
OC)
0
1.0
.1
10
100
1000
0
5
10
15
20
25
20
40
60
80
100
120
140
200
150
175
100
50
0.6 0.8
1.0
1.4 1.6
2.0
0.2
0.1
1.0
10
50
1.8
1.2
0.4
FIG.3 TYPICAL INSTANTANEOUS FORWARD
FIG.3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
DERATING CURVE
FIG.2 TYPICAL REVERSE
FIG.2 TYPICAL REVERSE
CHARACTERISTICS
CHARACTERISTICS
100
Single Phase Half Wave
60Hz Inductive or
Resistive Load
TJ = 25 OC
Pulse width=300µS
1% Duty Cycle
TA = 25 OC
TA = 100 OC
NUMBER OF CYCLES AT 60Hz
1
500
600
100
0
200
400
300
2
5
10
20
50
FIG.4 MAXIMUM NON-REPETITIVE FORWARD
FIG.4 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
SURGE CURRENT
8.3mS Single Half Sine-Wave
JEDEC Method
D.C with heat sink


Similar Part No. - SPA2003-T-S-A01

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA201610HF1R0M SUPERWORLD-SPA201610HF1R0M Datasheet
293Kb / 7P
   Low Profile Power Inductors
SPA201610HF1R5M SUPERWORLD-SPA201610HF1R5M Datasheet
293Kb / 7P
   Low Profile Power Inductors
SPA201610HF2R2M SUPERWORLD-SPA201610HF2R2M Datasheet
293Kb / 7P
   Low Profile Power Inductors
SPA201610HF4R7M SUPERWORLD-SPA201610HF4R7M Datasheet
293Kb / 7P
   Low Profile Power Inductors
SPA201610HFR16M SUPERWORLD-SPA201610HFR16M Datasheet
293Kb / 7P
   Low Profile Power Inductors
More results

Similar Description - SPA2003-T-S-A01

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SPA1503-T-S-A01 RECTRON-SPA1503-T-S-A01 Datasheet
236Kb / 4P
   SILICON RECTIFIER VOLAGE 200 Volts CURRENT 15 Ampere
SPA1201 RECTRON-SPA1201 Datasheet
497Kb / 4P
   SILICON RECTIFIER VOLAGE RANGE 50 to 600 Volts CURRENT 12 Ampere
SPA1501 RECTRON-SPA1501 Datasheet
462Kb / 4P
   SILICON RECTIFIER VOLAGE RANGE 50 to 600 Volts CURRENT 15 Ampere
SPAC803F RECTRON-SPAC803F Datasheet
65Kb / 3P
   GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 200 Volts CURRENT 8.0 Ampere
SR2020CS RECTRON-SR2020CS Datasheet
195Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
SR1620C RECTRON-SR1620C Datasheet
183Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 16.0 Ampere
SR220 RECTRON-SR220 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
SR820K RECTRON-SR820K Datasheet
194Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 8.0 Ampere
SR2020C RECTRON-SR2020C Datasheet
234Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
SR520K RECTRON-SR520K Datasheet
194Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com