Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA2505G Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SPA2505G
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE 600 Volts CURRENT 25 Amperes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SPA2505G Datasheet(HTML) 1 Page - Rectron Semiconductor

  SPA2505G Datasheet HTML 1Page - Rectron Semiconductor SPA2505G Datasheet HTML 2Page - Rectron Semiconductor SPA2505G Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
VOLTAGE 600 Volts CURRENT 25 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SPA2505G
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
FEATURES
* Low leakage
* Low forward voltage
* Surge overload rating : 300 amperes peak
* Mounting position: Any
* Ideal for printed circuit boards
* High forward surge current capability
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
R-7
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TL = 125
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IFSM
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
25
400
Amps
0
C
Operating and Storage Temperature Range
IO
-55 to + 175
Volts
SPA2505G
600
600
420
2009-11
REV:O
CHARACTERISTICS
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 25 A DC
Volts
5.0
@TA = 100
oC
@TA = 25
oC
1.1
200
UNITS
SPA2505G
NOTES : 1. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
.299(7.6)
.291(7.4)
.96 (24.5)
MIN.
.96 (24.5)
MIN.
DIA.
.065 (1.65)
.061 (1.55)
.319(8.1)
.311(7.9)
DIA.


Similar Part No. - SPA2505G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SPA25 MICROSEMI-SPA25 Datasheet
142Kb / 2P
   25 amp single phase bridge rectifiers
SPA25 MICROSEMI-SPA25 Datasheet
134Kb / 2P
   25 Amp Single Phase Bridge Rectifiers
logo
Rectron Semiconductor
SPA251 RECTRON-SPA251 Datasheet
209Kb / 3P
   General Purpose Plastic Rectifiers VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes
SPA252 RECTRON-SPA252 Datasheet
209Kb / 3P
   General Purpose Plastic Rectifiers VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes
logo
Superworld Electronics
SPA252010FA1R0M SUPERWORLD-SPA252010FA1R0M Datasheet
330Kb / 7P
   Low Profile Power Inductors
More results

Similar Description - SPA2505G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RBU2505M-C-LV RECTRON-RBU2505M-C-LV Datasheet
131Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 25 Amperes
2018-11 REV:A
RBU1005M-C-LV RECTRON-RBU1005M-C-LV Datasheet
92Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 10.0 Amperes
2019-01 REV: O
RS1505M-C-LV RECTRON-RS1505M-C-LV Datasheet
223Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 15 Amperes
2017-11 REV: A
RBU2509M RECTRON-RBU2509M Datasheet
133Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 1400 Volts CURRENT 25 Amperes
2020-12 REV:A
RS2508M RECTRON-RS2508M Datasheet
199Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 1200 Volts CURRENT 25 Amperes
2017-11 REV:O
RS2509M RECTRON-RS2509M Datasheet
254Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 14 00 Volts CURRENT 25 Amperes
2020-12 REV:A
RS805MH RECTRON-RS805MH Datasheet
160Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 600 to 1000 Volts CURRENT 8.0 Amperes
2021-12/30 REV:A
RS5005MH RECTRON-RS5005MH Datasheet
547Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 600 to 1000 Volts CURRENT 50 Amperes
2021-12/30 REV:D
RS100XM-C-LV RECTRON-RS100XM-C-LV Datasheet
98Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 10 Amperes
2019-06 REV: B
RS2501MLS RECTRON-RS2501MLS Datasheet
299Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
2019-06/47 REV: O
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com