Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR10050 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # NR10050
Description  5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

NR10050 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button NR10050 Datasheet HTML 2Page - Richtek Technology Corporation NR10050 Datasheet HTML 3Page - Richtek Technology Corporation NR10050 Datasheet HTML 4Page - Richtek Technology Corporation NR10050 Datasheet HTML 5Page - Richtek Technology Corporation NR10050 Datasheet HTML 6Page - Richtek Technology Corporation NR10050 Datasheet HTML 7Page - Richtek Technology Corporation NR10050 Datasheet HTML 8Page - Richtek Technology Corporation NR10050 Datasheet HTML 9Page - Richtek Technology Corporation NR10050 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RT2805A
6
DS2805A-00
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Table 1. Recommended Component Selection
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
CFF (pF)
L (
μH)
COUT (μF)
2.5
100
100
82
6.8
22 x 2
3.3
100
58.6
82
10
22 x 2
5
100
31.6
82
15
22 x 2
8
100
18
82
22
22 x 2
VIN
EN
GND
BOOT
FB
SW
5
4
7
8
1
L1
10nF
22µF x 2
R1
R2
VOUT
4.7µF/
50V x 2
Chip Enable
VIN
5.5V to 36V
RT2805A
D1
B550A
6, 9 (Exposed Pad)
CBOOT
COUT
CIN
Open = Automatic
Startup
CFF


Similar Part No. - NR10050

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR10050T100M TAIYO-YUDEN-NR10050T100M Datasheet
152Kb / 1P
   SMD Power Inductors
NR10050T100M TAIYO-YUDEN-NR10050T100M Datasheet
274Kb / 2P
   SMD Power Inductors (NR series)[10050]
NR10050T100M TAIYO-YUDEN-NR10050T100M Datasheet
301Kb / 2P
   Wire-wound Ferrite Power Inductors LSXBH10050 for General Electronic Equipment
2023.01.31
NR10050T100M TAIYO-YUDEN-NR10050T100M_19 Datasheet
274Kb / 2P
   SMD Power Inductors (NR series)[10050]
NR10050T101M TAIYO-YUDEN-NR10050T101M Datasheet
151Kb / 1P
   SMD Power Inductors
More results

Similar Description - NR10050

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2808A RICHTEK-RT2808A Datasheet
371Kb / 15P
   3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
   5A, 36V, 500kHz Step-Down Converter
logo
Monolithic Power System...
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
   2.5A, 36V, 500kHz Step-Down Converter
logo
Richtek Technology Corp...
RT8289 RICHTEK-RT8289 Datasheet
337Kb / 13P
   5A, 32V, 500kHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3489 EUTECH-EUP3489 Datasheet
568Kb / 1P
   5A,30V,500KHz Step-Down Converter
logo
Richtek Technology Corp...
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
674Kb / 15P
   36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
ACT4455 ACTIVE-SEMI-ACT4455_14 Datasheet
673Kb / 16P
   36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com