Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR10050 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # NR10050
Description  5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

NR10050 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button NR10050 Datasheet HTML 6Page - Richtek Technology Corporation NR10050 Datasheet HTML 7Page - Richtek Technology Corporation NR10050 Datasheet HTML 8Page - Richtek Technology Corporation NR10050 Datasheet HTML 9Page - Richtek Technology Corporation NR10050 Datasheet HTML 10Page - Richtek Technology Corporation NR10050 Datasheet HTML 11Page - Richtek Technology Corporation NR10050 Datasheet HTML 12Page - Richtek Technology Corporation NR10050 Datasheet HTML 13Page - Richtek Technology Corporation NR10050 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RT2805A
10
DS2805A-00 November 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT2805A is an asynchronous high voltage buck
converter that can support the input voltage range from
5.5V to 32V and the output current can be up to 5A.
Output Voltage Setting
The resistive divider allows the FB pin to sense the output
voltage as shown in Figure 1.
Figure 1. Output Voltage Setting
The output voltage is set by an external resistive divider
according to the following equation :
OUT
REF
R1
V
= V
1
R2
⎛⎞
+
⎜⎟
⎝⎠
Where VREF is the reference voltage (1.222V typ.).
Where R1 = 100k
Ω.
External Bootstrap Diode
Connect a 10nF low ESR ceramic capacitor between the
BOOT pin and SW pin. This capacitor provides the gate
driver voltage for the high side MOSFET.
It is recommended to add an external bootstrap diode
between an external 5V and BOOT pin for efficiency
improvement when input voltage is lower than 5.5V or duty
ratio is higher than 65% .The bootstrap diode can be a
low cost one such as IN4148 or BAT54. The external 5V
can be a 5V fixed input from system or a 5V output of the
RT2805A.
Figure 2. External Bootstrap Diode
Soft-Start
The RT2805A contains an internal soft-start clamp that
gradually raises the output voltage. The typical soft-start
time is 5ms.
Chip Enable Operation
The EN pin is the chip enable input. Pull the EN pin low
(<0.4V) will shutdown the device. During shutdown mode,
the RT2805A quiescent current drops to lower than 25
μA.
Drive the EN pin to high (>1.4V, <5.5V) will turn on the
device again. If the EN pin is open, it will be pulled to high
by internal circuit. For external timing control (e.g.RC),
the EN pin can also be externally pulled to High by adding
a 100k
Ω or greater resistor from the VIN pin (see Figure
3).
Inductor Selection
The inductor value and operating frequency determine the
ripple current according to a specific input and output
voltage. The ripple current
ΔIL increases with higher VIN
and decreases with higher inductance.
OUT
OUT
L
IN
VV
I =
1
fL
V
⎡⎤ ⎡
Δ× −
⎢⎥ ⎢
×
⎣⎦ ⎣
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output voltage
ripple. High frequency with small ripple current can achieve
highest efficiency operation. However, it requires a large
inductor to achieve this goal.
For the ripple current selection, the value of
ΔIL= 0.2(IMAX)
will be a reasonable starting point. The largest ripple
current occurs at the highest VIN. To guarantee that the
ripple current stays below the specified maximum, the
inductor value should be chosen according to the following
equation :
OUT
OUT
L(MAX)
IN(MAX)
VV
L =
1
fI
V
⎡⎤ ⎡
×−
⎢⎥ ⎢
×Δ
⎣⎦ ⎣
The inductor's current rating (caused a 40
°C temperature
rising from 25
°C ambient) should be greater than the
maximum load current and its saturation current should
be greater than the short circuit peak current limit. Please
see Table 2 for the inductor selection reference.
RT2805A
GND
FB
R1
R2
VOUT
SW
BOOT
5V
RT2805A
10nF


Similar Part No. - NR10050

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR10050T100M TAIYO-YUDEN-NR10050T100M Datasheet
152Kb / 1P
   SMD Power Inductors
NR10050T100M TAIYO-YUDEN-NR10050T100M Datasheet
274Kb / 2P
   SMD Power Inductors (NR series)[10050]
NR10050T100M TAIYO-YUDEN-NR10050T100M Datasheet
301Kb / 2P
   Wire-wound Ferrite Power Inductors LSXBH10050 for General Electronic Equipment
2023.01.31
NR10050T100M TAIYO-YUDEN-NR10050T100M_19 Datasheet
274Kb / 2P
   SMD Power Inductors (NR series)[10050]
NR10050T101M TAIYO-YUDEN-NR10050T101M Datasheet
151Kb / 1P
   SMD Power Inductors
More results

Similar Description - NR10050

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2808A RICHTEK-RT2808A Datasheet
371Kb / 15P
   3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
   5A, 36V, 500kHz Step-Down Converter
logo
Monolithic Power System...
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
   2.5A, 36V, 500kHz Step-Down Converter
logo
Richtek Technology Corp...
RT8289 RICHTEK-RT8289 Datasheet
337Kb / 13P
   5A, 32V, 500kHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3489 EUTECH-EUP3489 Datasheet
568Kb / 1P
   5A,30V,500KHz Step-Down Converter
logo
Richtek Technology Corp...
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
674Kb / 15P
   36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
ACT4455 ACTIVE-SEMI-ACT4455_14 Datasheet
673Kb / 16P
   36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com