Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLF10045 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # VLF10045
Description  3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VLF10045 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  VLF10045 Datasheet HTML 1Page - Richtek Technology Corporation VLF10045 Datasheet HTML 2Page - Richtek Technology Corporation VLF10045 Datasheet HTML 3Page - Richtek Technology Corporation VLF10045 Datasheet HTML 4Page - Richtek Technology Corporation VLF10045 Datasheet HTML 5Page - Richtek Technology Corporation VLF10045 Datasheet HTML 6Page - Richtek Technology Corporation VLF10045 Datasheet HTML 7Page - Richtek Technology Corporation VLF10045 Datasheet HTML 8Page - Richtek Technology Corporation VLF10045 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT2808A
®
DS2808A-00
November 2012
www.richtek.com
1
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Simplified Application Circuit
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Applications
Distributive Power Systems
Battery Charger
DSL Modems
Pre-regulator for Linear Regulators
3A, 36V, 500kHz Current Mode Asynchronous Step-Down
Converter
General Description
The RT2808A is a current mode asynchronous step-down
converter that achieves excellent load and line regulation.
Over a wide input voltage range from 5.5V to 36V and
supports output current up to 3A. The Current mode
operation provides fast transient response and eases loop
stabilization.
An adjustable soft-start reduces the stress on the input
source at startup. In shutdown mode, the regulator draws
only 25
μA of supply current. The RT2808A requires a
minimum number of readily available external
components, providing a compact solution. The RT2808A
provides protection functions inducing input under voltage
lockout, cycle-by-cycle current limit, short circuit
protection and thermal shutdown protection.
The RT2808A is available in the SOP-8 (Exposed Pad)
package.
Features
3A Output Current
Wide Operating Input Range 5.5V to 36V
Adjustable Output Voltage from 1.222V to 26V
High Efficiency up to 90%
Internal Compensation Minimizes External Parts
Count
Internal Soft-Start
110m
Ω
Ω
Ω
Ω
Ω Internal Power MOSFET Switch
25
μμμμμA Shutdown Mode
Fixed 500kHz Frequency
Thermal Shutdown
Cycle-by-Cycle Current Limit
Available In an SOP-8 (Exposed Pad) Package
RoHS Compliant and Halogen Free
Marking Information
RT2808AGSP : Product Number
YMDNN : Date Code
RT2808A
GSPYMDNN
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
RT2808A
Lead Plating System
G : Green (Halogen Free and Pb Free)
VIN
EN
GND
BOOT
FB
SW
L
R1
R2
VOUT
Chip Enable
VIN
RT2808A
D1
CBOOT
COUT
CIN


Similar Part No. - VLF10045

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
VLF10045 RICHTEK-VLF10045 Datasheet
276Kb / 15P
   RT7237C
VLF10045 RICHTEK-VLF10045 Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
logo
TDK Electronics
VLF10045 TDK-VLF10045 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF10045T-100M4R3 TDK-VLF10045T-100M4R3 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF10045T-101M1R3 TDK-VLF10045T-101M1R3 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results

Similar Description - VLF10045

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
   5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
   5A, 36V, 500kHz Step-Down Converter
logo
Monolithic Power System...
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
   2.5A, 36V, 500kHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3451 EUTECH-EUP3451 Datasheet
114Kb / 1P
   3A,30V,500KHz Step-Down Converter
logo
E-CMOS Corporation
EC5116 E-CMOS-EC5116 Datasheet
675Kb / 12P
   3A, 40V Asynchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
   21V, 3A, 500kHz, Synchronous Step-Down Converter
MP4433 MPS-MP4433 Datasheet
1Mb / 29P
   36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com