Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLF10045 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # VLF10045
Description  3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VLF10045 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button VLF10045 Datasheet HTML 7Page - Richtek Technology Corporation VLF10045 Datasheet HTML 8Page - Richtek Technology Corporation VLF10045 Datasheet HTML 9Page - Richtek Technology Corporation VLF10045 Datasheet HTML 10Page - Richtek Technology Corporation VLF10045 Datasheet HTML 11Page - Richtek Technology Corporation VLF10045 Datasheet HTML 12Page - Richtek Technology Corporation VLF10045 Datasheet HTML 13Page - Richtek Technology Corporation VLF10045 Datasheet HTML 14Page - Richtek Technology Corporation VLF10045 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RT2808A
11
DS2808A-00 November 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
OUT
IN
RMS
OUT(MAX)
IN
OUT
V
V
I
= I
1
VV
OUT
L
OUT
1
VI ESR
8fC
⎡⎤
Δ≤ Δ
+
⎢⎥
⎣⎦
The output ripple will be highest at the maximum input
voltage since
ΔIL increases with input voltage. Multiple
capacitors placed in parallel may be needed to meet the
ESR and RMS current handling requirement. Dry tantalum,
special polymer, aluminum electrolytic and ceramic
capacitors are all available in surface mount packages.
Special polymer capacitors offer very low ESR value.
However, it provides lower capacitance density than other
types. Although Tantalum capacitors have the highest
capacitance density, it is important to only use types that
pass the surge test for use in switching power supplies.
Aluminum electrolytic capacitors have significantly higher
ESR. However, it can be used in cost-sensitive applications
for ripple current rating and long term reliability
considerations. Ceramic capacitors have excellent low
ESR characteristics but can have a high voltage coefficient
and audible piezoelectric effects. The high Q of ceramic
capacitors with trace inductance can also lead to significant
ringing.
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. However, care must
be taken when these capacitors are used at input and
output. When a ceramic capacitor is used at the input
and the power is supplied by a wall adapter through long
wires, a load step at the output can induce ringing at the
input, VIN. A sudden inrush of current through the long
wires can potentially cause a voltage spike at VIN large
enough to damage the part.
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
ΔILOAD (ESR) also begins to charge or discharge
COUT generating a feedback error signal for the regulator
to return VOUT to its steady-state value. During this
recovery time, VOUT can be monitored for overshoot or
ringing that would indicate a stability problem.
Diode Selection
When the power switch turns off, the path for the current
is through the diode connected between the switch output
and ground. This forward biased diode must have a
minimum voltage drop and recovery times. Schottky diode
is recommended and it should be able to handle those
current. The reverse voltage rating of the diode should be
greater than the maximum input voltage, and current rating
should be greater than the maximum load current. For
more detail please refer to Table 4.
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the high side MOSFET.
To prevent large ripple current, a low ESR input capacitor
sized for the maximum RMS current should be used. The
RMS current is given by :
Table 2. Suggested Inductors for Typical
Application Circuit
Component
Supplier
Series
Dimensions
(mm)
TDK
VLF10045
10 x 9.7 x 4.5
TDK
SLF12565
12.5 x 12.5 x 6.5
TAIYO YUDEN
NR8040
8 x 8 x 4
The output ripple,
ΔVOUT , is determined by :
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT / 2. This simple worst-case condition is
commonly used for design because even significant
deviations do not offer much relief.
Choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to
meet size or height requirements in the design.
For the input capacitor, two 4.7
μF low ESR ceramic
capacitors are recommended. For the recommended
capacitor, please refer to Table 3 for more detail.
The selection of COUT is determined by the required ESR
to minimize voltage ripple.
Moreover, the amount of bulk capacitance is also a key
for COUT selection to ensure that the control loop is stable.
Loop stability can be checked by viewing the load transient
response as described in a later section.


Similar Part No. - VLF10045

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
VLF10045 RICHTEK-VLF10045 Datasheet
276Kb / 15P
   RT7237C
VLF10045 RICHTEK-VLF10045 Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
logo
TDK Electronics
VLF10045 TDK-VLF10045 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF10045T-100M4R3 TDK-VLF10045T-100M4R3 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF10045T-101M1R3 TDK-VLF10045T-101M1R3 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results

Similar Description - VLF10045

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
   5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
   5A, 36V, 500kHz Step-Down Converter
logo
Monolithic Power System...
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
   2.5A, 36V, 500kHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3451 EUTECH-EUP3451 Datasheet
114Kb / 1P
   3A,30V,500KHz Step-Down Converter
logo
E-CMOS Corporation
EC5116 E-CMOS-EC5116 Datasheet
675Kb / 12P
   3A, 40V Asynchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
   21V, 3A, 500kHz, Synchronous Step-Down Converter
MP4433 MPS-MP4433 Datasheet
1Mb / 29P
   36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com