Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLF12565 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # SLF12565
Description  3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

SLF12565 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  SLF12565 Datasheet HTML 1Page - Richtek Technology Corporation SLF12565 Datasheet HTML 2Page - Richtek Technology Corporation SLF12565 Datasheet HTML 3Page - Richtek Technology Corporation SLF12565 Datasheet HTML 4Page - Richtek Technology Corporation SLF12565 Datasheet HTML 5Page - Richtek Technology Corporation SLF12565 Datasheet HTML 6Page - Richtek Technology Corporation SLF12565 Datasheet HTML 7Page - Richtek Technology Corporation SLF12565 Datasheet HTML 8Page - Richtek Technology Corporation SLF12565 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT2808A
4
DS2808A-00
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings (Note 1)
Supply Voltage, VIN -----------------------------------------------------------------------------------------
−0.3V to 40V
Switching Voltage, SW -------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
BOOT Voltage ------------------------------------------------------------------------------------------------- (VSW
− 0.3V) to (VSW + 6V)
Other Pins ------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) -------------------------------------------------------------------------------------- 2.04W
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA --------------------------------------------------------------------------------- 49°C/W
SOP-8 (Exposed Pad),
θJC -------------------------------------------------------------------------------- 15°C/W
Junction Temperature ---------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------ 260
°C
Storage Temperature Range -------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Voltage, VIN ----------------------------------------------------------------------------------------- 5.5V to 36V
Junction Temperature Range -------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
TA = 25°C
1.202 1.222 1.239
Reference Voltage
VREF
IOUT = 0A to 3A
1.196 1.222 1.245
V
High Side Switch-On Resistance
RDS(ON)1
Bias Gate Driver at VIN = 5.5V
--
110
230
m
Ω
Low Side Switch-On Resistance
RDS(ON)2
Bias Gate Driver at VIN = 5.5V
--
10
15
Ω
Current Limit
ILIM
Voltage Mode Test
4
5.25
6.5
A
Oscillator Frequency
fOSC
VFB = 0.8V
400
500
600
kHz
Short Circuit Frequency
VFB = 0V
--
150
--
kHz
Maximum Duty Cycle
DMAX
VFB = 0.8V
85
90
95
%
Minimum On-Time
tON
Come from Maximum Duty Cycle
--
100
150
ns
Under Voltage Lockout Threshold
Rising
VIN Rising, Check Switching
--
4.2
5
V
Under Voltage Lockout Threshold
Hysteresis
VIN Falling, Check Switching
--
315
--
mV
Logic-High
VIH
Let EN = 1.4V, Check IQ
1.4
--
--
EN Threshold
Voltage
Logic-Low
VIL
Let EN = 0.4V, Check IQ
--
--
0.4
V
(VIN = 12V, TA =
−40°C to 85°C unless otherwise specified)


Similar Part No. - SLF12565

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF12565 TDK-SLF12565 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
SLF12565 TDK-SLF12565 Datasheet
156Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF12565 TDK-SLF12565 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
logo
Richtek Technology Corp...
SLF12565 RICHTEK-SLF12565 Datasheet
276Kb / 15P
   RT7237C
SLF12565 RICHTEK-SLF12565 Datasheet
380Kb / 15P
   5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
More results

Similar Description - SLF12565

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
   5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
   5A, 36V, 500kHz Step-Down Converter
logo
Monolithic Power System...
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
   2.5A, 36V, 500kHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3451 EUTECH-EUP3451 Datasheet
114Kb / 1P
   3A,30V,500KHz Step-Down Converter
logo
E-CMOS Corporation
EC5116 E-CMOS-EC5116 Datasheet
675Kb / 12P
   3A, 40V Asynchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
   21V, 3A, 500kHz, Synchronous Step-Down Converter
MP4433 MPS-MP4433 Datasheet
1Mb / 29P
   36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com