Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7240 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT7240
Description  5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7240 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT7240 Datasheet HTML 6Page - Richtek Technology Corporation RT7240 Datasheet HTML 7Page - Richtek Technology Corporation RT7240 Datasheet HTML 8Page - Richtek Technology Corporation RT7240 Datasheet HTML 9Page - Richtek Technology Corporation RT7240 Datasheet HTML 10Page - Richtek Technology Corporation RT7240 Datasheet HTML 11Page - Richtek Technology Corporation RT7240 Datasheet HTML 12Page - Richtek Technology Corporation RT7240 Datasheet HTML 13Page - Richtek Technology Corporation RT7240 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
RT7235/36/39/40
10
DS7235/36/39/40-00
March 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (10ms/Div)
Power Off from VIN
VOUT
(1V/Div)
IOUT
(2A/Div)
VIN
(10V/Div)
VIN = 12V, VOUT = 1.05V, IOUT = 5A
Time (2.5ms/Div)
Power On from VIN
VIN = 12V, VOUT = 1.05V, IOUT = 5A
VOUT
(1V/Div)
IOUT
(2A/Div)
VIN
(10V/Div)
VIN = 12V, VOUT = 1.05V, IOUT = 5A
Time (1
μs/Div)
Switching
VOUT
(5mV/Div)
IL
(5A/Div)
VIN = 12V, VOUT = 1.05V, IOUT = 1A
Time (1
μs/Div)
Switching
VOUT
(5mV/Div)
IL
(1A/Div)
Time (500
μs/Div)
Power On from EN
VEN
(2V/Div)
VIN = 12V, VOUT = 1.05V, IOUT = 5A
VOUT
(1V/Div)
IOUT
(5A/Div)
Time (500
μs/Div)
Power Off from EN
VIN = 12V, VOUT = 1.05V, IOUT = 5A
VSW
(10V/Div)
VSW
(10V/Div)
VEN
(2V/Div)
VOUT
(1V/Div)
IOUT
(5A/Div)


Similar Part No. - RT7240

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7243GQW RICHTEK-RT7243GQW Datasheet
970Kb / 10P
   RT7243GQW Evaluation Board
RT7247A RICHTEK-RT7247A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7247AHGSP RICHTEK-RT7247AHGSP Datasheet
584Kb / 11P
   Evaluation Board
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7247C RICHTEK-RT7247C Datasheet
277Kb / 15P
   2A, 18V, 800kHz Synchronous Step-Down Converter
More results

Similar Description - RT7240

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7231 RICHTEK-RT7231 Datasheet
300Kb / 18P
   4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT6206B RICHTEK-RT6206B Datasheet
264Kb / 15P
   5.5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
May 2015
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
RT7274 RICHTEK-RT7274 Datasheet
346Kb / 22P
   2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
DS6203B RICHTEK-DS6203B Datasheet
416Kb / 22P
   5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT6203B RICHTEK-RT6203B Datasheet
427Kb / 22P
   5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com