Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLF12565 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # SLF12565
Description  RT7237C
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

SLF12565 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button SLF12565 Datasheet HTML 2Page - Richtek Technology Corporation SLF12565 Datasheet HTML 3Page - Richtek Technology Corporation SLF12565 Datasheet HTML 4Page - Richtek Technology Corporation SLF12565 Datasheet HTML 5Page - Richtek Technology Corporation SLF12565 Datasheet HTML 6Page - Richtek Technology Corporation SLF12565 Datasheet HTML 7Page - Richtek Technology Corporation SLF12565 Datasheet HTML 8Page - Richtek Technology Corporation SLF12565 Datasheet HTML 9Page - Richtek Technology Corporation SLF12565 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RT7237C
6
DS7237C-04
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RC (kΩ)
CC (nF)
L (
μH)
COUT (μF)
8
27
3
40
3.3
15
22 x 2
5
62
11.8
25
3.3
10
22 x 2
3.3
75
24
17
3.3
6.8
22 x 2
2.5
25.5
12
13
3.3
4.7
22 x 2
1.5
10.5
12
7
3.3
3.6
22 x 2
1.2
12
24
6
3.3
2
22 x 2
1
3
12
5
3.3
2
22 x 2
Table 1. Suggested Components Selection
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
6.8µH
0.1µF
22µF x 2
R1
75k
R2
24k
VOUT
3.3V
10µF x 2
VIN
4.5V to 18V
RT7237C
SS
8
CSS
COMP
CC
3.3nF
RC
17k
CP
Open
6
4, 9 (Exposed Pad)
CBOOT
CIN
0.1µF
COUT
Chip Enable


Similar Part No. - SLF12565

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF12565 TDK-SLF12565 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
SLF12565 TDK-SLF12565 Datasheet
156Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF12565 TDK-SLF12565 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
logo
Richtek Technology Corp...
SLF12565 RICHTEK-SLF12565 Datasheet
371Kb / 15P
   3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
SLF12565 RICHTEK-SLF12565 Datasheet
380Kb / 15P
   5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com