Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7194KST Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7194KST
Description  Professional Extended-10??Video Encoder with 54 MHz Oversampling
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7194KST Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7194KST Datasheet HTML 6Page - Analog Devices ADV7194KST Datasheet HTML 7Page - Analog Devices ADV7194KST Datasheet HTML 8Page - Analog Devices ADV7194KST Datasheet HTML 9Page - Analog Devices ADV7194KST Datasheet HTML 10Page - Analog Devices ADV7194KST Datasheet HTML 11Page - Analog Devices ADV7194KST Datasheet HTML 12Page - Analog Devices ADV7194KST Datasheet HTML 13Page - Analog Devices ADV7194KST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
ADV7194
–10–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin
Input/
No.
Mnemonic
Output
Function
1–10
P0–P9
I
10-Bit or 8-Bit 4:2:2 Multiplexed YCrCb Pixel Port. The LSB of the input data is set up
on Pin P0 (Pin Number 1) in 10-bit input mode.
11–20
Y0/P10–Y9/P19
I
20-Bit or 16-Bit Multiplexed YCrCb Pixel Port or 1
× 10-bit progressive scan input for Y data.
21, 34, 68, 79
VDD
P
Digital Power Supply (3.3 V to 5 V).
22, 33, 43, 69,
DGND
G
Digital Ground.
80
23
HSYNC
I/O
HSYNC (Modes 1, 2, and 3) Control Signal. This pin may be configured to be an output
(Master Mode) or an input (Slave Mode) and accept Sync Signals.
24
VSYNC
I/O
VSYNC Control Signal. This pin may be configured as an output (Master Mode) or as an input
(Slave Mode) and accept
VSYNC as a Control Signal.
25
BLANK
I/O
Video Blanking Control Signal. This signal is optional. For further information see Verti-
cal Blanking and Data Insertion Blanking Input section.
26–31, 75–78
Cb0–Cb9
I
1
× 10-Bit Progressive Scan Input Port for Cb Data.
32
TTXREQ
O
Teletext Data Request Output Signal, used to control teletext data transfer.
35, 49, 52
AGND
G
Analog Ground.
36
CLKIN
I
TTL Clock Input. Requires a stable 27 MHz reference clock for standard operation. Alterna-
tively, a 24.5454 MHz (NTSC) or 29.5 MHz (PAL) can be used for square pixel operation.
37
CLKOUT
O
Clock Output Pin.
38, 48, 53
VAA
P
Analog Power Supply (3.3 V to 5 V).
39
SCL
I
MPU Port Serial Interface Clock Input.
40
SDA
I/O
MPU Port Serial Data Input/Output.
41
SCRESET/RTC/TR
I
Multifunctional Input: Real-Time Control (RTC) input, Timing Reset input, Subcarrier
Reset input.
42
ALSB
I
TTL Address Input. This signal sets up the LSB of the MPU address.
44
RSET2
I
A 1200
Ω resistor connected from this pin to GND is used to control full-scale amplitudes of
the Video Signals from the DAC D, E, F.
45
COMP 2
O
Compensation Pin for DACs D, E, and F. Connect a 0.1
µF Capacitor from COMP 2 to
VAA.
46
DAC F
O
S-Video C/Pr/V/RED Analog Output. This DAC is capable of providing 4.33 mA output.
47
DAC E
O
S-Video Y/Pb/U/BLUE Analog Output. This DAC is capable of providing 4.33 mA output.
50
DAC D
O
Composite/Y/Y/GREEN Analog Output. This DAC is capable of providing 4.33 mA output.
51
DAC C
O
S-Video C/Pr/V/RED Analog Output. This DAC is capable of providing 4.33 mA output.
54
DAC B
O
S-Video Y/Pb/U/BLUE Analog Output. This DAC is capable of providing 4.33 mA output.
55
DAC A
O
Composite/Y/Y/GREEN Analog Output. This DAC is capable of providing 4.33 mA output.
56
COMP 1
O
Compensation Pin for DACs A, B, and C. Connect a 0.1
µF Capacitor from COMP 1 to
VAA.
57
VREF
I/O
Voltage Reference Input for DACs or Voltage Reference Output (1.235 V). An external
VREF can not be used in 4
× oversampling mode.
58
RSET1
I
A 1200
Ω resistor connected from this pin to GND is used to control full- scale amplitudes of
the Video Signals from the DAC A, B, C.
59
PAL_NTSC
I
Input signal to select PAL or NTSC mode of operation, pin set to Logic 1 selects PAL.
60
RESET
I
The input resets the on-chip timing generator and sets the ADV7194 into default mode
See Appendix 8 for Default Register settings.
61
CSO_HSO
O
Dual function
CSO or HSO output Sync Signal at TTL level.
62
VSO/TTX/CLAMP
I/O
Multifunctional Pin.
VSO Output Sync Signal at TTL level. Teletext Data Input pin.
CLAMP TTL Output Signals can be used to drive external circuitry to enable clamping
of all Video Signals.
63–67, 70–74
Cr0–Cr9
I
1
× 10-Bit Progressive Scan Input Port for Cr Data.


Similar Part No. - ADV7194KST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7194KSTZ AD-ADV7194KSTZ Datasheet
605Kb / 69P
   Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
More results

Similar Description - ADV7194KST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7194KSTZ AD-ADV7194KSTZ Datasheet
605Kb / 69P
   Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
logo
Faraday Technology
FL676 FARADAY-FL676 Datasheet
61Kb / 2P
   Video Oversampling Filters
logo
Analog Devices
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180 AD-ADV7180_15 Datasheet
2Mb / 114P
   10-Bit, 4 Oversampling SDTV Video Decoder
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com