Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X5R0J476M Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # C3225X5R0J476M
Description  3A, 36V, 500kHz Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R0J476M Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button C3225X5R0J476M Datasheet HTML 3Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 4Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 9Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 10Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT7272A
7
DS7272A-01
January 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Reference Voltage vs. Input Voltage
0.790
0.793
0.795
0.798
0.800
0.803
0.805
0.808
0.810
2
6.75
11.5 16.25
21
25.75 30.5 35.25
40
Input Voltage (V)
Typical Operating Characteristics
Output Voltage vs. Output Current
3.290
3.295
3.300
3.305
3.310
3.315
3.320
00.5
11.5
22.5
3
Output Current (A)
VIN = 12V
VIN = 24V
VIN = 30V
VOUT = 3.3V
VIN = 4.5V to 36V, IOUT = 0A
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VOUT = 3.3V
VIN = 4.5V
VIN = 12V
VIN = 24V
VIN = 36V
Reference Voltage vs. Temperature
0.790
0.795
0.800
0.805
0.810
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 4.5V
VIN = 12V
VIN = 24V
VIN = 36V
VOUT = 3.3V, IOUT = 0A
Switching Frequency vs. Temperature
440
450
460
470
480
490
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 3.3V, IOUT = 0A
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 4.5V
Switching Frequency vs. Input Voltage
450
460
470
480
490
500
4
8
12
16
20
24
28
32
36
Input Voltage (V)
VOUT = 3.3V, IOUT = 0A


Similar Part No. - C3225X5R0J476M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X5R0J476M TDK-C3225X5R0J476M Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
logo
National Semiconductor ...
C3225X5R0J476M NSC-C3225X5R0J476M Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Richtek Technology Corp...
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
204Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
275Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - C3225X5R0J476M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
   21V, 3A, 500kHz, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
   21V, 3A, 500kHz Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
Richtek Technology Corp...
RT6283B RICHTEK-RT6283B Datasheet
183Kb / 16P
   3A, 30V, 500kHz Synchronous Step-Down Converter
November 2019
logo
Eutech Microelectronics...
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT8299 RICHTEK-RT8299 Datasheet
287Kb / 15P
   3A, 24V, 500kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com