Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR8040 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # NR8040
Description  3A, 36V, 500kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

NR8040 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  NR8040 Datasheet HTML 1Page - Richtek Technology Corporation NR8040 Datasheet HTML 2Page - Richtek Technology Corporation NR8040 Datasheet HTML 3Page - Richtek Technology Corporation NR8040 Datasheet HTML 4Page - Richtek Technology Corporation NR8040 Datasheet HTML 5Page - Richtek Technology Corporation NR8040 Datasheet HTML 6Page - Richtek Technology Corporation NR8040 Datasheet HTML 7Page - Richtek Technology Corporation NR8040 Datasheet HTML 8Page - Richtek Technology Corporation NR8040 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT7272B
2
DS7272B-01
January 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Functional Pin Description
Function Block Diagram
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
Marking Information
SW
BOOT
EN
GND
VIN
RLIM
FB
COMP
GND
2
3
4
5
6
7
8
9
RT7272BGSP : Product Number
YMDNN : Date Code
Pin No.
Pin Name
Pin Function
1
SW
Switch Node Connect to external L-C filter.
2
BOOT
Bootstrap Supply for High Side Gate Drive. A 100nF or greater capacitor is
recommended to connect from BOOT pin to SW pin.
3
EN
Enable Control Input. A logic-high enables the converter; a logic-low forces the
device into shutdown mode.
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum thermal dissipation.
5
FB
Feedback Input. This pin is connected to the converter output. It is used to set
the output of the converter to regulate to the desired value via an resistive
divider.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop.
Connect a series RC network from COMP to GND. In some cases, an additional
capacitor from COMP to GND is required.
7
RLIM
Current Limit Setting. Connect to a resistor to determine current limit.
8
VIN
Power Input. The input voltage range is from 4.5V to 36V. Must bypass with a
suitable large ceramic capacitor.
VA
+
-
+
-
+
-
UV
Comparator
Oscillator
Foldback
Control
0.4V
Internal
Regulator
+
-
1.7V
Shutdown
Comparator
Current Sense
Amplifier
BOOT
VIN
GND
SW
FB
EN
COMP
VA VCC
Slope Comp
Current
Comparator
+
-
EA
0.8V
S
R
Q
Q
RLIM
+
-
1.2V
Lockout
Comparator
VCC
+
80m
Ω
150m
Ω
RSENSE
5k
Ω
UV
SS
VCC
RT7272B
GSPYMDNN


Similar Part No. - NR8040

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
NR8040 RICHTEK-NR8040 Datasheet
276Kb / 15P
   RT7237C
NR8040 RICHTEK-NR8040 Datasheet
371Kb / 15P
   3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
logo
Taiyo Yuden (U.S.A.), I...
NR8040T0R9N TAIYO-YUDEN-NR8040T0R9N Datasheet
146Kb / 1P
   SMD Power Inductors
NR8040T0R9N TAIYO-YUDEN-NR8040T0R9N Datasheet
301Kb / 3P
   SMD Power Inductors (NR series)
NR8040T0R9N TAIYO-YUDEN-NR8040T0R9N_19 Datasheet
301Kb / 3P
   SMD Power Inductors (NR series)
More results

Similar Description - NR8040

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
   21V, 3A, 500kHz, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
   21V, 3A, 500kHz Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
Richtek Technology Corp...
RT6283B RICHTEK-RT6283B Datasheet
183Kb / 16P
   3A, 30V, 500kHz Synchronous Step-Down Converter
November 2019
logo
Eutech Microelectronics...
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT8299 RICHTEK-RT8299 Datasheet
287Kb / 15P
   3A, 24V, 500kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com