Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ4YB1A226M Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # ECJ4YB1A226M
Description  2A, 2MHz, Synchronous Step-Down Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

ECJ4YB1A226M Datasheet(HTML) 4 Page - Richtek Technology Corporation

  ECJ4YB1A226M Datasheet HTML 1Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 2Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 3Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 4Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 5Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 6Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 7Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 8Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT8015
4
DS8015-03
March 2011
www.richtek.com
Operation
Main Control Loop
The RT8015 is a monolithic, constant-frequency, current
mode step-down DC/DC converter. During normal
operation, the internal top power switch (P-Channel
MOSFET) is turned on at the beginning of each clock
cycle. Current in the inductor increases until the peak
inductor current reach the value defined by the voltage on
the COMP pin. The error amplifier adjusts the voltage on
the COMP pin by comparing the feedback signal from a
resistor divider on the FB pin with an internal 0.8V
reference. When the load current increases, it causes a
reduction in the feedback voltage relative to the reference.
The error amplifier raises the COMP voltage until the
average inductor current matches the new load current.
When the top power MOSFET shuts off, the synchronous
power switch (N-Channel MOSFET) turns on until either
the bottom current limit is reached or the beginning of the
next clock cycle.
The operating frequency is set by an external resistor
connected between the RT pin and ground. The practical
switching frequency can range from 300kHz to 2MHz.
Power Good comparators will pull the PGOOD output low
if the output voltage comes out of regulation by 12.5%. In
an over-voltage condition, the top power MOSFET is turned
off and the bottom power MOSFET is switched on until
either the over-voltage condition clears or the bottom
MOSFET's current limit is reached.
Frequency Synchronization
The internal oscillator of the RT8011 can be synchronized
to an external clock connected to the SYNC pin. The
frequency of the external clock can be in the range of
300kHz to 2MHz. For this application, the oscillator timing
resistor should be chosen to correspond to a frequency
that is about 20% lower than the synchronization
frequency.
Dropout Operation
When the input supply voltage decreases toward the output
voltage, the duty cycle increases toward the maximum
on-time. Further reduction of the supply voltage forces
the main switch to remain on for more than one cycle
eventually reaching 100% duty cycle.
The output voltage will then be determined by the input
voltage minus the voltage drop across the internal
P-Channel MOSFET and the inductor.
Low Supply Operation
The RT8015 is designed to operate down to an input supply
voltage of 2.6V. One important consideration at low input
supply voltages is that the RDS(ON) of the P-Channel and
N-Channel power switches increases. The user should
calculate the power dissipation when the RT8015 is used
at 100% duty cycle with low input voltages to ensure that
thermal limits are not exceeded.
Slope Compensation and Inductor Peak Current
Slope compensation prov ides stability in constant
frequency architectures by preventing sub-harmonic
oscillations at duty cycles greater than 50%. It is
accomplished internally by adding a compensating ramp
to the inductor current signal. Normally, the maximum
inductor peak current is reduced when slope compensation
is added. In the RT8015, however, separated inductor
current signals are used to monitor over current condition.
This keeps the maximum output current relatively constant
regardless of duty cycle.
Short Circuit Protection
When the output is shorted to ground, the inductor current
decays very slowly during a single switching cycle. A
current runaway detector is used to monitor inductor
current. As current increasing beyond the control of current
loop, switching cycles will be skipped to prevent current
runaway from occurring.


Similar Part No. - ECJ4YB1A226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
ECJ4YB1A226M RICHTEK-ECJ4YB1A226M Datasheet
285Kb / 14P
   1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
Panasonic Semiconductor
ECJ4YB1A226M PANASONIC-ECJ4YB1A226M Datasheet
677Kb / 6P
   Multilayer Ceramic Capacitors
ECJ4YB1A226M PANASONIC-ECJ4YB1A226M Datasheet
677Kb / 6P
   Multilayer Ceramic Chip Capacitors (High Capacitance)
More results

Similar Description - ECJ4YB1A226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8062 RICHTEK-RT8062 Datasheet
150Kb / 11P
   2A, 2MHz, Synchronous Step-Down Converter
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
   2.5MHz, 2A Synchronous Step-Down Regulator
logo
Global Mixed-mode Techn...
G5719 GMT-G5719 Datasheet
86Kb / 2P
   1MHz, 2A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM1482D HMSEMI-HM1482D Datasheet
1Mb / 7P
   30V 2A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6163 FEELING-FP6163 Datasheet
667Kb / 19P
   1.5MHz, 2A Synchronous Step-Down Regulator
FP6169 FEELING-FP6169 Datasheet
446Kb / 13P
   1.5MHz, 2A Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8011 RICHTEK-RT8011 Datasheet
414Kb / 17P
   2A, 4MHz, Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com