Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ4YB0J226M Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # ECJ4YB0J226M
Description  3A, 2MHz, Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

ECJ4YB0J226M Datasheet(HTML) 5 Page - Richtek Technology Corporation

  ECJ4YB0J226M Datasheet HTML 1Page - Richtek Technology Corporation ECJ4YB0J226M Datasheet HTML 2Page - Richtek Technology Corporation ECJ4YB0J226M Datasheet HTML 3Page - Richtek Technology Corporation ECJ4YB0J226M Datasheet HTML 4Page - Richtek Technology Corporation ECJ4YB0J226M Datasheet HTML 5Page - Richtek Technology Corporation ECJ4YB0J226M Datasheet HTML 6Page - Richtek Technology Corporation ECJ4YB0J226M Datasheet HTML 7Page - Richtek Technology Corporation ECJ4YB0J226M Datasheet HTML 8Page - Richtek Technology Corporation ECJ4YB0J226M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT8015A
5
DS8015A-04 March 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VDD, PVDD ----------------------------------------------------------------------------
−0.3V to 6V
LX Pin Switch Voltage --------------------------------------------------------------------------------------------
−0.3V to (PVDD + 0.3V)
<200ns ---------------------------------------------------------------------------------------------------------------
−5V to 7.5V
Other I/O Pin Voltages -------------------------------------------------------------------------------------------
−0.3V to (VDD + 0.3V)
LX Pin Switch Current -------------------------------------------------------------------------------------------- 4A
Power Dissipation, PD @ TA = 25
°C
WDFN-10L 3x3 ----------------------------------------------------------------------------------------------------- 909mW
Package Thermal Resistance (Note 2)
WDFN-10L 3x3,
θJA ----------------------------------------------------------------------------------------------- 110°C/W
Junction Temperature --------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------- 260
°C
Storage Temperature Range ------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) -------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VDD = 3.3V, TA = 25
°C, unless otherwise specified)
To be continued
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ---------------------------------------------------------------------------------------------- 2.6V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Voltage Range
VDD
2.6
--
5.5
V
Feedback Reference Voltage
VREF
0.784
0.8
0.816
V
Feedback Leakage Current
IFB
--
0.1
0.4
μA
Active , VFB = 0.78V, Not Switching
--
460
--
μA
DC Bias Current
Shutdown
--
--
1
μA
Output Voltage Line Regulation
VIN = 2.7V to 5.5V
--
0.04
--
%/V
Output Voltage Load Regulation
Measured in Servo Loop,
VCOMP = 0.2V to 0.7V
(Note 5)
−0.2
±0.02
0.2
%
Error Amplifier
Transconductance
gm
--
800
--
μs
Current Sense Transresistance
RT
--
0.4
--
Ω
Switching Leakage Current
SHDN/RT = VIN = 5.5V
--
--
1
μA
ROSC = 332k
0.8
1
1.2
MHz
Switching Frequency
Switching Frequency
0.3
--
2
MHz
Switch On Resistance, High
RPMOS
ISW = 0.5A
--
110
160
m
Ω
Switch On Resistance, Low
RNMOS
ISW = 0.5A
--
110
170
m
Ω


Similar Part No. - ECJ4YB0J226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
ECJ4YB0J226M RICHTEK-ECJ4YB0J226M Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
ECJ4YB0J226M RICHTEK-ECJ4YB0J226M Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
ECJ4YB0J226M RICHTEK-ECJ4YB0J226M Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
ECJ4YB0J226M RICHTEK-ECJ4YB0J226M Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
ECJ4YB0J226M RICHTEK-ECJ4YB0J226M Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - ECJ4YB0J226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com