Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X5R0J226M Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # C3225X5R0J226M
Description  3A, 2MHz, Synchronous Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R0J226M Datasheet(HTML) 3 Page - Richtek Technology Corporation

  C3225X5R0J226M Datasheet HTML 1Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 2Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 3Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 4Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT8015B
3
DS8015B-04
March 2011
www.richtek.com
Function Block Diagram
Layout Guide
Driver
NISEN
Control
Logic
NMOS I Limit
0.9V
0.7V
0.2V
OC
Limit
ISEN
Slope
Com
OSC
Output
Clamp
EA
0.8V
Int-SS
POR
OTP
VREF
COMP
SHDN/RT
GND
FB
PVDD
VDD
PGND
SD
LX
PGOOD
VIN
GND
L1
VOUT
GND
CIN
COUT
VOUT
CCOMP
R2
R1
CF
ROSC
Place the input and output
capacitors as close to the
IC as possible.
LX should be
connected to Inductor
by wide and short
trace, keep sensitive
components away
from this trace
Place the feedback and
compensation components as
close to the IC as possible.
RT8015B
SHDN/RT
GND
PGND
LX
COMP
FB
PGOOD
VDD
PVDD
LX
4
3
2
6
7
8
9
10
5
1
RCOMP
R4
R3
C1
GND
Bottom Layer


Similar Part No. - C3225X5R0J226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
237Kb / 15P
   2A, 24V, 1.2MHz Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - C3225X5R0J226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com