Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK325BJ226ML Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # LMK325BJ226ML
Description  3A, 2MHz, Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

LMK325BJ226ML Datasheet(HTML) 2 Page - Richtek Technology Corporation

  LMK325BJ226ML Datasheet HTML 1Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 2Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 3Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 4Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 5Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 6Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 7Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 8Page - Richtek Technology Corporation LMK325BJ226ML Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT8015A
2
DS8015A-04 March 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
SHDN/RT
Oscillator Resistor Input. Connecting a resistor to ground from this pin sets the
switching frequency. Forcing this pin to VDD causes the device to be shut down.
2
GND
Signal Ground. All small-signal components and compensation components should
connect to this ground, which in turn connects to PGND at one point.
3, 4
LX
Internal Power MOSFET Switches Output. Connect this pin to the inductor.
5
PGND
Power Ground. Connect this pin close to the negative terminal of CIN and COUT.
6, 7
PVDD
Power Input Supply. Decouple this pin to PGND with a capacitor.
8
VDD
Signal Input Supply. Decouple this pin to GND with a capacitor. Normally VDD is
equal to PVDD.
9
FB
Feedback Pin. This pin Receives the feedback voltage from a resistive divider
connected across the output.
10
COMP
Error Amplifier Compensation Point. The current comparator threshold increases
with this control voltage. Connect external compensation elements to this pin to
stabilize the control loop.
11 (Exposed Pad) NC
No Internal Connection. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
Typical Application Circuit
Note : Using all Ceramic Capacitors
COMP
FB
SHDN/RT
LX
RT8015A
1
3, 4
8
9
VDD
PVDD
GND
6, 7
5
PGND
2
10
VIN
5V
VOUT
2.5V/3A
ROSC
332k
L1
2µH
RCOMP
30k
CIN
22µF
R2 240k
CCOMP
1000pF
R1
510k
COUT
22µFx2
C1
22pF


Similar Part No. - LMK325BJ226ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
LMK325BJ226ML RICHTEK-LMK325BJ226ML Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
LMK325BJ226ML RICHTEK-LMK325BJ226ML Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
LMK325BJ226ML RICHTEK-LMK325BJ226ML Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
LMK325BJ226ML RICHTEK-LMK325BJ226ML Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
LMK325BJ226ML RICHTEK-LMK325BJ226ML Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - LMK325BJ226ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com