Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMK316BJ226ML Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # JMK316BJ226ML
Description  3A, 2MHz, Synchronous Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

JMK316BJ226ML Datasheet(HTML) 2 Page - Richtek Technology Corporation

  JMK316BJ226ML Datasheet HTML 1Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 2Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 3Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 4Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 5Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 6Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 7Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 8Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT8015B
2
DS8015B-04
March 2011
www.richtek.com
Functional Pin Description
Pin No.
WDFN
-10L 3x3
SOP-8
(Exposed Pad)
Pin Name
Pin Function
1
1
SHDN/RT
Oscillator Resistor Input. Connecting a resistor to ground from this
pin sets the switching frequency. Forcing this pin to VDD causes the
device to be shut down.
2
2
GND
Signal Ground. All small
signal components and compensation
components should connect to this ground, which in turn connects to
PGND at one point.
3, 4
3
LX
Internal Power MOSFET Switches Output. Connect this pin to the
inductor.
5
4
PGND
Power Ground. Connect this pin close to the negative terminal of CIN
and COUT.
6
5
PVDD
Power Input Supply. Decouple this pin to PGND with a capacitor.
7
6
VDD
Signal Input Supply. Decouple this pin to GND with a capacitor.
Normally VDD is equal to PVDD.
8
--
PGOOD
Power Good Indicator. This pin is open
drain logic output that is
pulled to ground when the output voltage is not within ±12.5% of
regulation point.
9
7
FB
Feedback Pin. This pin receives the feedback voltage from a
resistive divider connected across the output.
10
8
COMP
Error
Amplifier
Compensation Point.
The current comparator
threshold increases with this control voltage. Connect external
compensation elements to this pin to stabilize the control loop.
11
--
(Exposed Pad)
No Internal Connection. The exposed pad must be soldered to a
large PCB and connected to GND for maximum power dissipation.
--
9
GND
The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
Typical Application Circuit
Note : Using all Ceramic Capacitors
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RCOMP (kΩ)
CCOMP (nF)
L1 (μH)
COUT (μF)
3.3
750
240
30
1
2.2
22 x 2
2.5
510
240
27
1
2.2
22 x 2
1.8
300
240
22
1
2.2
22 x 2
1.5
210
240
18
1
2.2
22 x 2
1.2
120
240
15
1
1.0
22 x 2
1.0
60
240
13
1
1.0
22 x 2
Table 1. Recommended Component Selection
7 VDD
PVDD
6
RT8015B
VIN
5V
5
PGND
SHDN/RT
1
LX
3, 4
COMP
FB 9
10
GND
2
ROSC
332k
CIN
22µF
L1
2.2µH
R1
510k
R2
240k
COUT
22µF x 2
RCOMP
27k
CCOMP
1nF
VOUT
2.5V/3A
CF
22pF
R3
1
C1
0.1µF
8
PGOOD
R4
100k
PGOOD


Similar Part No. - JMK316BJ226ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - JMK316BJ226ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com