Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMK107BJ475RA Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # JMK107BJ475RA
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

JMK107BJ475RA Datasheet(HTML) 2 Page - Richtek Technology Corporation

  JMK107BJ475RA Datasheet HTML 1Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 2Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 3Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 4Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 5Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 6Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 7Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 8Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT8016
2
DS8016-04 February 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Figure 1. Fixed Voltage Regulator
Figure 2. Adjustable Voltage Regulator
+
=
R2
R1
1
x
V
V
REF
OUT
with R2 = 300k
Ω to 60kΩ so the IR2 = 2μA to 10μA,
and (R1 x C1) should be in the range between 3x10-6 and 6x10-6 for component selection.
Figure 3. Layout Guide for RT8016
Layout note:
1. The distance that CIN connects to VIN is as close as possible (Under 2mm).
2. COUT should be placed near RT8016.
Layout Guide
4.7µF
10µF
VIN
LX
RT8016
EN
VOUT
2.2µH
2.5V to 5.5V
VIN
VOUT
CIN
L
6
4
3
2
1, 5
COUT
GND
4.7µF
10µF
VIN
LX
RT8016
EN
FB
2.2µH
2.5V to 5.5V
VIN
VOUT
CIN
L
6
4
3
2
COUT
R1
R2
C1
IR2
1, 5
GND
GND
L1
EN
VIN
GND
LX
COUT
CIN
RT8016_FIX
CIN must be placed
between VDD and
GND as close as
possible
LX should be connected
to Inductor by wide and
short trace, keep
sensitive compontents
away from this trace
Output capacitor
must be near
RT8016
1
2
34
5
6 VOUT
EN
VIN
FB
GND
LX
RT8016_ADJ
CIN must be placed
between VDD and
GND as close as
possible
LX should be
connected to
Inductor by wide
and short trace,
keep sensitive
compontents away
from this trace
Output
capacitor
must be near
RT8016
L1
COUT
CIN
1
2
3
4
5
6
R1
R2
GND


Similar Part No. - JMK107BJ475RA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
JMK107BJ475RA RICHTEK-JMK107BJ475RA Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
JMK107BJ475RA RICHTEK-JMK107BJ475RA Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
JMK107BJ475RA RICHTEK-JMK107BJ475RA Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
JMK107BJ475RA RICHTEK-JMK107BJ475RA Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
JMK107BJ475RA RICHTEK-JMK107BJ475RA Datasheet
223Kb / 11P
   Dual 800mA, 1.25MHz Synchronous Step-Down Converter
More results

Similar Description - JMK107BJ475RA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3020 EUTECH-EUP3020 Datasheet
768Kb / 10P
   Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com