Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8020 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8020
Description  Dual High-Efficiency PWM Step-Down DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8020 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8020_12 Datasheet HTML 1Page - Richtek Technology Corporation RT8020_12 Datasheet HTML 2Page - Richtek Technology Corporation RT8020_12 Datasheet HTML 3Page - Richtek Technology Corporation RT8020_12 Datasheet HTML 4Page - Richtek Technology Corporation RT8020_12 Datasheet HTML 5Page - Richtek Technology Corporation RT8020_12 Datasheet HTML 6Page - Richtek Technology Corporation RT8020_12 Datasheet HTML 7Page - Richtek Technology Corporation RT8020_12 Datasheet HTML 8Page - Richtek Technology Corporation RT8020_12 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT8020
2
DS8020-06 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Figure 1. Adjustable Voltage Regulator
(
)
Rx2
Rx1
1
V
V
REF
OUTx
+
×
=
EN2
NC2
FB2
VIN2
LX2
FB1
RT8020
1
2
4
9
10
11
GND
LX1
GND
8
5 NC1
3, Exposed Pad (13)
12
VOUT2
L2
2.2µH
850k
4.7µF
CIN2
22pF
VIN1 7
6 EN1
VIN1
4.7µF
L1
2.2µH
R22
4.7µF
VOUT1
850k
22pF
4.7µF
R12
VIN2
C11
COUT1
CIN1
COUT2
C21
R11
R21
Marking Information
RT8020APQW
C2-YM
DNN
RT8020AGQW
C2- : Product Code
YMDNN : Date Code
RT8020BPQW
C3= : Product Code
YMDNN : Date Code
C3=YM
DNN
RT8020BGQW
C3-YM
DNN
C3- : Product Code
YMDNN : Date Code
C4=YM
DNN
C4-YM
DNN
C5=YM
DNN
C5-YM
DNN
RT8020CPQW
C2=YM
DNN
C2= : Product Code
YMDNN : Date Code
C4- : Product Code
YMDNN : Date Code
RT8020CGQW
C4= : Product Code
YMDNN : Date Code
RT8020DPQW
C5- : Product Code
YMDNN : Date Code
RT8020DGQW
C5=: Product Code
YMDNN : Date Code


Similar Part No. - RT8020_12

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020AGQW RICHTEK-RT8020AGQW Datasheet
218Kb / 14P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020APQW RICHTEK-RT8020APQW Datasheet
218Kb / 14P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020BGQW RICHTEK-RT8020BGQW Datasheet
218Kb / 14P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020BPQW RICHTEK-RT8020BPQW Datasheet
218Kb / 14P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020CGQW RICHTEK-RT8020CGQW Datasheet
218Kb / 14P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
More results

Similar Description - RT8020_12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2322AGEAR DIODES-PAM2322AGEAR Datasheet
769Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com