Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMK212BJ106RD Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # JMK212BJ106RD
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

JMK212BJ106RD Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button JMK212BJ106RD Datasheet HTML 2Page - Richtek Technology Corporation JMK212BJ106RD Datasheet HTML 3Page - Richtek Technology Corporation JMK212BJ106RD Datasheet HTML 4Page - Richtek Technology Corporation JMK212BJ106RD Datasheet HTML 5Page - Richtek Technology Corporation JMK212BJ106RD Datasheet HTML 6Page - Richtek Technology Corporation JMK212BJ106RD Datasheet HTML 7Page - Richtek Technology Corporation JMK212BJ106RD Datasheet HTML 8Page - Richtek Technology Corporation JMK212BJ106RD Datasheet HTML 9Page - Richtek Technology Corporation JMK212BJ106RD Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RT8016
6
DS8016-04 February 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Output Voltage vs. Output Current
1.200
1.202
1.204
1.206
1.208
1.210
1.212
1.214
1.216
1.218
1.220
0
0.1 0.2
0.3
0.4
0.5 0.6
0.7
0.8 0.9
1
Output Current (A)
VIN = 3.6V
VIN = 5V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output Current (A)
VOUT = 1.2V,
COUT = 10uF, L = 2.2H
VIN = 3.6V
VIN = 5V
UVLO Threshold vs. Temperature
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VOUT = 1.2V,
IOUT = 0A
Rising
Falling
Output Voltage vs. Temperature
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 3.6V,
IOUT = 0A
EN Threshold vs. Temperature
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-40
-15
10
35
60
85
110
135
Temperature (
°C)
VIN = 3.6V, VOUT = 1.2V,
IOUT = 0A
Rising
Falling
EN Threshold vs. Input Voltage
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
2.52.8 3.13.4 3.7
4
4.34.6 4.95.2 5.5
Input Voltage (V)
VOUT = 1.2V,
IOUT = 0A
Rising
Falling


Similar Part No. - JMK212BJ106RD

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
JMK212BJ106RD RICHTEK-JMK212BJ106RD Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
JMK212BJ106RD RICHTEK-JMK212BJ106RD Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
JMK212BJ106RD RICHTEK-JMK212BJ106RD Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
JMK212BJ106RD RICHTEK-JMK212BJ106RD Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
JMK212BJ106RD RICHTEK-JMK212BJ106RD Datasheet
223Kb / 11P
   Dual 800mA, 1.25MHz Synchronous Step-Down Converter
More results

Similar Description - JMK212BJ106RD

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3020 EUTECH-EUP3020 Datasheet
768Kb / 10P
   Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com