Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608JB0J475M Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # C1608JB0J475M
Description  1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C1608JB0J475M Datasheet(HTML) 2 Page - Richtek Technology Corporation

  C1608JB0J475M Datasheet HTML 1Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 2Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 3Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 4Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 5Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 6Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 7Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 8Page - Richtek Technology Corporation C1608JB0J475M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT8025
2
DS8025-02 March 2011
www.richtek.com
Typical Application Circuit
Figure 1. Fixed Voltage Regulator
Figure 2. Adjustable Voltage Regulator
0.5V
V
and
1M
R2
R1
with
R2
R1
1
x
V
V
REF(Typ.)
REF
OUT
=
Ω
+
⎛ +
=
Layout Guide
Layout note:
1. The distance that CIN connects to VIN is as close as possible (Under 2mm).
2. COUT should be placed near RT8025.
Figure 3
VIN
GND
EN
LX
2
3
5
4
1
VOUT
V
IN
C
IN
V
OUT
L
GND
C
OUT
VIN
GND
EN
LX
2
3
5
4
1
FB
V
IN
C
IN
V
OUT
L
GND
V
OUT
C
OUT
R2
R1
C1
4.7µF
10µF
VIN
LX
GND
RT8025
EN
VOUT
4.7µH
2.5V to 5.5V
VIN
VOUT
CIN
L
4
5
1
3
2
COUT
4.7µF
10µF
VIN
LX
GND
RT8025
EN
FB
4.7µH
2.5V to 5.5V
VIN
VOUT
CIN
L
4
5
1
3
2
COUT
R1
R2
C1


Similar Part No. - C1608JB0J475M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C1608JB0J475M RICHTEK-C1608JB0J475M Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
C1608JB0J475M RICHTEK-C1608JB0J475M Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
C1608JB0J475M RICHTEK-C1608JB0J475M Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
C1608JB0J475M RICHTEK-C1608JB0J475M Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
C1608JB0J475M RICHTEK-C1608JB0J475M Datasheet
223Kb / 11P
   Dual 800mA, 1.25MHz Synchronous Step-Down Converter
More results

Similar Description - C1608JB0J475M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8009 RICHTEK-RT8009 Datasheet
272Kb / 13P
   1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Silan Microelectronics ...
SC46208 SILAN-SC46208 Datasheet
547Kb / 10P
   1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com