Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM219R60J106ME19 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # GRM219R60J106ME19
Description  1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

GRM219R60J106ME19 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  GRM219R60J106ME19 Datasheet HTML 1Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 2Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 3Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 4Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 5Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 6Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 7Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 8Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RT8024
5
DS8024-02 March 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
FB Input Current
IFB
VFB = VIN
−50
--
50
nA
VIN = 3.6V
--
0.3
--
PMOSFET RON
PRDS(ON) IOUT = 200mA
VIN = 2.5V
--
0.4
--
Ω
VIN = 3.6V
--
0.25
--
NMOSFET RON
NRDS(ON) IOUT = 200mA
VIN = 2.5V
--
0.35
--
Ω
P-Channel Current Limit
IP(LM)
VIN = 2.5V to 5.5 V
1
--
1.8
A
EN High-Level Input Voltage
VENH
VIN = 2.5V to 5.5V
1.5
--
--
V
EN Low-Level Input Voltage
VENL
VIN = 2.5V to 5.5V
--
--
0.4
V
Undervoltage Lock Out threshold
--
1.8
--
V
Hysteresis
--
0.1
--
V
Oscillator Frequency
fOSC
VIN = 3.6V, IOUT = 100mA
1.2
1.5
1.8
MHz
Thermal Shutdown Temperature
TSD
--
160
--
°C
Min. On Time
--
50
--
ns
Max. Duty Cycle
100
--
--
%
LX Leakage Current
VIN = 3.6V, VLX = 0V or VLX = 3.6V
−1
--
1
μA
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a low effective single layer thermal conductivity test board of
JEDEC 51-3 thermal measurement standard. Pin 2 of SOT-23-5/TSOT-23-5 packages is the case position for
θJC
measurement.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.


Similar Part No. - GRM219R60J106ME19

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
GRM219R60J106ME19 RICHTEK-GRM219R60J106ME19 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106ME19 RICHTEK-GRM219R60J106ME19 Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106ME19 RICHTEK-GRM219R60J106ME19 Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106ME19 RICHTEK-GRM219R60J106ME19 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106ME19 RICHTEK-GRM219R60J106ME19 Datasheet
223Kb / 11P
   Dual 800mA, 1.25MHz Synchronous Step-Down Converter
More results

Similar Description - GRM219R60J106ME19

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com